Electronic Components Datasheet Search
  English  ▼

X  

MP2263 Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP2263
Description  Wide Input 3.3V - 30V, 3A, 12uA IQ, Synchronous, Step-Down Converter with External Soft Start and Power Good in Small 2x3mm QFN Package
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2263 Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP2263 Datasheet HTML 1Page - Monolithic Power Systems MP2263 Datasheet HTML 2Page - Monolithic Power Systems MP2263 Datasheet HTML 3Page - Monolithic Power Systems MP2263 Datasheet HTML 4Page - Monolithic Power Systems MP2263 Datasheet HTML 5Page - Monolithic Power Systems MP2263 Datasheet HTML 6Page - Monolithic Power Systems MP2263 Datasheet HTML 7Page - Monolithic Power Systems MP2263 Datasheet HTML 8Page - Monolithic Power Systems MP2263 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
MP2263
Wide Input 3.3V - 30V, 3A, 12µA IQ,
Synchronous, Step-Down Converter with
External Soft Start and Power Good
in Small 2x3mm QFN Package
MP2263 Rev. 1.0
www.MonolithicPower.com
1
6/22/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
DESCRIPTION
The MP2263 is a frequency-programmable
(350kHz to 2.5MHz), synchronous, step-down,
switching regulator with integrated, internal,
high-side and low-side power MOSFETs. The
MP2263 provides 3A of highly efficient output
current with current-mode control for fast loop
response.
The wide 3.3V-to-30V input range accommodates
a variety of step-down applications. A 1
μA
shutdown mode quiescent current allows the
MP2263
to
be
used
in
battery-powered
applications.
High power conversion efficiency over a wide
load range is achieved by scaling down the
switching frequency at light-load condition to
reduce switching and gate driving losses.
An open-drain power good signal indicates the
output.
Frequency foldback helps prevent inductor
current
runaway
during
start-up.
Thermal
shutdown provides reliable and fault-tolerant
operation. High-duty cycle and low drop-out
mode
are
provided
for
battery-powered
systems.
The
MP2263
is
available
in
a
QFN-15
(2mmx3mm) package.
FEATURES
 Wide 3.3V to 30V Operating Voltage Range
 3A Continuous Output Current
 1μA Low Shutdown Supply Current
 12μA Sleep Mode Quiescent Current
 90mΩ/38mΩ High-Side/Low-Side R
DS(ON) for
Internal Power MOSFETs
 350kHz to 2.5MHz Programmable Switching
Frequency
 Power Good Output
 External Soft Start
 80ns Minimum On Time
 Selectable Forced PWM Mode and Auto
PFM/PWM Mode
 Low Dropout Mode
 Hiccup Over-Current Protection (OCP)
 Available in a QFN-15 (2mmx3mm)
Package
APPLICATIONS
 Battery-Powered Systems
 Smart Homes
 Wide Input Range Power Supplies
 Standby Power Supplies
All MPS parts are lead-free, halogen-free, and adhere to the RoHS
directive. For MPS green status, please visit the MPS website under Quality
Assurance.
“MPS” and “The Future of Analog IC Technology” are registered
trademarks of Monolithic Power Systems, Inc.
TYPICAL APPLICATION
MP2263
VIN
EN
VIN
FREQ
FB
BST
VOUT
SW
NC
VCC
BIAS
PG
SS
12V
MODE
C1
10μF×2
R3
165kΩ
C5
1μF
C3
12nF
C4
1μF
L1
4.7μH
C2
22μF×2
R1
1MΩ
R2
324kΩ
EN
PG
3.3V/3A
MODE
BIAS


Similar Part No. - MP2263

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP2269 MPS-MP2269 Datasheet
1Mb / 19P
3.3V - 30V, 1A, 12uA IQ, Synchronous, Step-Down Converter with External Soft Start and Power Good in 2x3mm QFN Package
MP2269GD MPS-MP2269GD Datasheet
1Mb / 19P
3.3V - 30V, 1A, 12uA IQ, Synchronous, Step-Down Converter with External Soft Start and Power Good in 2x3mm QFN Package
MP2269GD MPS-MP2269GD Datasheet
759Kb / 6P
30V, 1A, Low IQ Step-Down Converter Evaluation Board
More results

Similar Description - MP2263

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP2148 MPS-MP2148 Datasheet
702Kb / 20P
1A Synchronous Step-down Converter with 11uA Iq in Ultra-small 1x1.5mm QFN
MP2229 MPS-MP2229 Datasheet
2Mb / 22P
High Efficiency 21V, 6A Synchronous Step-Down Converter with External Sync, Low-Power Mode, and External Soft-Start
MP21600 MPS-MP21600 Datasheet
1Mb / 17P
0.6A, Synchronous, Step-Down Converter with 11關A IQ in Ultra-Small 1x1.5mm QFN
MP2269 MPS-MP2269 Datasheet
1Mb / 19P
3.3V - 30V, 1A, 12uA IQ, Synchronous, Step-Down Converter with External Soft Start and Power Good in 2x3mm QFN Package
MP2316 MPS-MP2316 Datasheet
1Mb / 25P
19V, 3A, 40uA IQ, High-Efficiency Constant On-Time (COT) Step-Down Converter in 2x3mm QFN Package
MP8712 MPS-MP8712 Datasheet
1Mb / 26P
High-Efficiency, 12A, 3V-18V, Synchronous Step-Down Converter with Power Good, External Soft Start and OVP
MP8714 MPS-MP8714 Datasheet
788Kb / 20P
High-Efficiency, 10A, 17V, Synchronous, Step-Down Converter With External Soft Start and Power Good
EV2148-QD-00B MPS-EV2148-QD-00B Datasheet
395Kb / 8P
1A Synchronous Step-down Converter with 11uA Iq in Ultra-small 1x1.5mm QFN
MP8772 MPS-MP8772 Datasheet
1Mb / 23P
12A, 17V, 700kHz Synchronous Step-down Converter with PG and External Soft Start in 3x3mm QFN package
MP8774 MPS-MP8774 Datasheet
1Mb / 24P
12A, Wide Input 3V-18V, 700kHz Synchronous Step-Down Converter with PG and External Soft Start in 3x3mm QFN package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com