Electronic Components Datasheet Search
  English  ▼

X  

MP2263 Datasheet(PDF) 5 Page - Monolithic Power Systems

Part # MP2263
Description  Wide Input 3.3V - 30V, 3A, 12uA IQ, Synchronous, Step-Down Converter with External Soft Start and Power Good in Small 2x3mm QFN Package
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2263 Datasheet(HTML) 5 Page - Monolithic Power Systems

  MP2263 Datasheet HTML 1Page - Monolithic Power Systems MP2263 Datasheet HTML 2Page - Monolithic Power Systems MP2263 Datasheet HTML 3Page - Monolithic Power Systems MP2263 Datasheet HTML 4Page - Monolithic Power Systems MP2263 Datasheet HTML 5Page - Monolithic Power Systems MP2263 Datasheet HTML 6Page - Monolithic Power Systems MP2263 Datasheet HTML 7Page - Monolithic Power Systems MP2263 Datasheet HTML 8Page - Monolithic Power Systems MP2263 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
MP2263
– 30V, 3A, LOW IQ, SYNCHRONOUS, STEP-DOWN CONVERTER
MP2263 Rev. 1.0
www.MonolithicPower.com
5
6/22/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
PIN FUNCTIONS
Pin #
QFN-15
(2mmx3mm)
Name
Description
1
MODE
Mode selection. Pull MODE low or float MODE to set auto PFM/PWM mode; pull
MODE to VCC to set forced PWM mode. MODE is pulled down internally. Select
MODE before the part starts up.
2
VIN
Input supply. VIN supplies power to all of the internal control circuitries and the power
switch connected to SW. A decoupling capacitor to ground must be placed close to
VIN to minimize switching spikes.
3, 8
PGND
Power ground.
4
EN
Enable. Pull EN below the specified threshold to shut down the MP2263. Pull EN
above the specified threshold to enable the MP2263.
5
NC
No connection. NC must be left floating.
6
PG
Power good output. The output of PG is an open drain.
7
BIAS
Bias input. BIAS must be connected to GND if the bias function is not used.
9
SW
Switch node. SW is the output of the internal power switch.
10
BST
Bootstrap. BST is the positive power supply for the high-side MOSFET driver
connected to SW. Connect a bypass capacitor between BST and SW.
11
VCC
Internal LDO output. VCC supplies power to the internal control circuit and gate
drivers. A decoupling capacitor to ground is required close to VCC.
12
AGND
Analog ground.
13
SS
Soft-start input. Place a capacitor from SS to GND to set the soft-start period. The
MP2263 sources 10µA from SS to the soft-start capacitor at start-up. As the SS
voltage rises, the feedback threshold voltage increases to limit the inrush current
during start-up.
14
FB
Feedback input. Connect FB to the center point of the external resistor divider. The
feedback threshold voltage is 0.8V.
15
FREQ
Switching frequency set. Connect a resistor from FREQ to ground to set the
switching frequency.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com