Electronic Components Datasheet Search
  English  ▼

X  

MP2312 Datasheet(PDF) 3 Page - Monolithic Power Systems

Part # MP2312
Description  24V, 2.1A High Efficiency Synchronous Step-down Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2312 Datasheet(HTML) 3 Page - Monolithic Power Systems

  MP2312 Datasheet HTML 1Page - Monolithic Power Systems MP2312 Datasheet HTML 2Page - Monolithic Power Systems MP2312 Datasheet HTML 3Page - Monolithic Power Systems MP2312 Datasheet HTML 4Page - Monolithic Power Systems MP2312 Datasheet HTML 5Page - Monolithic Power Systems MP2312 Datasheet HTML 6Page - Monolithic Power Systems MP2312 Datasheet HTML 7Page - Monolithic Power Systems MP2312 Datasheet HTML 8Page - Monolithic Power Systems MP2312 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
MP2312, 24V, HIGH CURRENT SYNCHRONOUS STEP-DOWN CONVERTER
MP2312 Rev. 1.01
www.MonolithicPower.com
3
1/21/2014
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2014 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS
Over junction temperature range (TJ=-40°C to +125°C
(6) ) , typical values at V
IN = 12V, TJ =
25
°C, unless otherwise noted.
Parameters
Symbol
Condition
Min
Typ
Max
Units
Supply Current
Supply Current (Shutdown)
IIN
VEN = 0V
0
1
μA
Supply Current (Quiescent)
IIN
VEN = 2V, VFB = 0.65V
140
220
300
μA
MOSFET
High-side Switch On Resistance
HSRDS-ON
38
mΩ
Low-side Switch On Resistance
LSRDS-ON
15
mΩ
Switch Leakage
SWLKG
VEN = 0V, VSW = 0V
0
1
μA
Current Limit
Low-side Valley Current Limit
ILIMIT
1.83
2.10
2.37
A
Switching frequency and minimum off timer
Switching frequency
FS
VIN = 19V, VOUT = 5V
450
500
550
kHz
Minimum Off Time
(7)
TOFF
300
ns
Over-voltage Protection
OVP Threshold
VOVP
125%
130%
135%
VREF
OVP Delay
TOVPDEL
2
μs
Absolute OVP on VOUT pin
(7)
VOUT_OVP
6.4
V
Reference And Soft Start
Reference Voltage
VREF
595
604
613
mV
Feedback Current
IFB
VFB = 604mV
10
50
nA
Soft Start Time
TSS
5.5
7
8.5
ms
Enable And UVLO
Enable Input Low Voltage
VILEN
1.10
1.25
1.40
V
Enable Hysteresis
VEN-HYS
100
mV
VEN = 2V
3
Enable Input Current
IEN
VEN = 0V
0
μA
VCC Under Voltage Lockout
Threshold Rising
VCCVth
4.4
4.6
4.9
V
VCC Under Voltage Lockout
Threshold Hysteresis
VCCHYS
480
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com