Electronic Components Datasheet Search
  English  ▼

X  

MP2312 Datasheet(PDF) 14 Page - Monolithic Power Systems

Part # MP2312
Description  24V, 2.1A High Efficiency Synchronous Step-down Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2312 Datasheet(HTML) 14 Page - Monolithic Power Systems

Back Button MP2312 Datasheet HTML 10Page - Monolithic Power Systems MP2312 Datasheet HTML 11Page - Monolithic Power Systems MP2312 Datasheet HTML 12Page - Monolithic Power Systems MP2312 Datasheet HTML 13Page - Monolithic Power Systems MP2312 Datasheet HTML 14Page - Monolithic Power Systems MP2312 Datasheet HTML 15Page - Monolithic Power Systems MP2312 Datasheet HTML 16Page - Monolithic Power Systems MP2312 Datasheet HTML 17Page - Monolithic Power Systems MP2312 Datasheet HTML 18Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
MP2312, 24V, HIGH CURRENT SYNCHRONOUS STEP-DOWN CONVERTER
MP2312 Rev. 1.01
www.MonolithicPower.com
14
1/21/2014
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2014 MPS. All Rights Reserved.
the target voltage, the controller will enter
Dynamic Regulation Period. During this period,
the LS is on until the LS current goes to -2.5A,
this will then discharge the output and try to keep
it within the normal range. If the dynamic
regulation can not limit the increasing of the Vo,
once the feedback voltage becomes higher than
130% of the feedback voltage, the HS turns off
and the LS works at saturated mode as a current
source to discharge the output.
If feedback resistor loop is open, the output
voltage will ramp up and induce output over
voltage. In order to protect this failure mode,
VOUT pin provides a fixed 6.4V over voltage
protection. Once VOUT pin is higher than 6.4V,
the HS turns off and LS works acting as a current
source.
UVLO Protection
The
MP2312
has
under-voltage
lock-out
protection (UVLO). When the VCC voltage is
higher than the UVLO rising threshold voltage,
the part will be powered up. It shuts off when the
VIN voltage is lower than the UVLO falling
threshold voltage. This is non-latch protection.
The part is disabled when the VCC voltage falls
below 4.6V. If an application requires a higher
under-voltage lockout (UVLO), use the EN pin as
shown in Figure 9 to adjust the input voltage
UVLO by using two external resistors. It is
recommended to use the enable resistors to set
the UVLO falling threshold (VSTOP) above 4.6V.
The rising threshold (VSTART) should be set to
provide enough hysteresis to allow for any input
supply variations.
EN Comparator
RUP
RDOWN
IN
EN
Figure 9—Adjustable UVLO
Thermal Shutdown
Thermal shutdown is employed in the MP2312.
The junction temperature of the IC is internally
monitored. If the junction temperature exceeds
the threshold value (typical 150ºC), the converter
shuts off. This is a non-latch protection. There is
about 25ºC hysteresis. Once the junction
temperature drops to about 125ºC, it initiates a
SS.
Output Discharge
MP2312 discharges the output when EN is low,
or the controller is turned off by the protection
functions (UVP & OCP, OCP, OVP, UVLO, and
thermal shutdown). The part discharges outputs
using an internal 6Ω MOSFET which is
connected to VOUT and GND. The external low-
side MOSFET is not turned on for the output
discharge operation to avoid the possibility of
causing negative voltage at the output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com