Electronic Components Datasheet Search
  English  ▼

X  

MP2312 Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP2312
Description  24V, 2.1A High Efficiency Synchronous Step-down Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2312 Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP2312 Datasheet HTML 1Page - Monolithic Power Systems MP2312 Datasheet HTML 2Page - Monolithic Power Systems MP2312 Datasheet HTML 3Page - Monolithic Power Systems MP2312 Datasheet HTML 4Page - Monolithic Power Systems MP2312 Datasheet HTML 5Page - Monolithic Power Systems MP2312 Datasheet HTML 6Page - Monolithic Power Systems MP2312 Datasheet HTML 7Page - Monolithic Power Systems MP2312 Datasheet HTML 8Page - Monolithic Power Systems MP2312 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
MP2312
24V, 2.1A High Efficiency
Synchronous Step-down Converter
MP2312 Rev. 1.01
www.MonolithicPower.com
1
1/21/2014
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2014 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The MP2312 is a fully integrated high frequency
synchronous rectified step-down switch mode
converter. It offers very compact solutions to
achieve 2.1A continuous output current over a
wide input supply range with excellent load and
line regulation. The MP2312 operates at high
efficiency over a wide output current load range.
Constant-On-Time
(COT)
control
mode
provides fast transient response and eases loop
stabilization.
Under voltage lockout is internally set as 4.6 V,
An open drain power good signal indicates the
output is within its nominal voltage range.
Full protection features include OCP and thermal
shut down.
The converter requires minimum number of
external components and is available in QFN16
(3x3mm) package.
FEATURES
• Wide 5V to 24V Operating Input Range
• 2.1A Continuous Output Current
• Low RDS(ON) Internal Power MOSFETs
• Proprietary
Switching
Loss
Reduction
Technique
• 1%
Reference
Voltage
In
Room
Temperature
• 7ms Internal Soft Start
• Output Discharge
• 500kHz Switching Frequency
• Hiccup OCP Protection and Thermal
Shutdown
• Auto Retry OVP Protection
• Output Adjustable from 0.604V to 5.5V
APPLICATIONS
•
Laptop Computer
•
Tablet PC
•
Networking Systems
•
Personal Video Recorders
•
Flat Panel Television and Monitors
•
Distributed Power Systems
All MPS parts are lead-free and adhere to the RoHS directive. For MPS green
status, please visit MPS website under Products, Quality Assurance page.
“MPS” and “The Future of Analog IC Technology” are registered trademarks of
Monolithic Power Systems, Inc.
TYPICAL APPLICATION
70
75
85
90
95
100
0.01
0.1
1
10
80


Similar Part No. - MP2312

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP2312GQ MPS-MP2312GQ Datasheet
430Kb / 7P
24V, High Current Synchronous Step-down Converter Evaluation Board
More results

Similar Description - MP2312

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP2325 MPS-MP2325 Datasheet
1Mb / 17P
High Efficiency 3A, 24V, 500kHz Synchronous Step-Down Converter
MP92325 MPS-MP92325 Datasheet
725Kb / 16P
24V, 3A, 500kHz, High-Efficiency, Synchronous, Step-Down Converter
MP2313 MPS-MP2313 Datasheet
837Kb / 19P
High Efficiency 1A, 24V, 2MHz Synchronous Step Down Converter
MP2314S MPS-MP2314S Datasheet
924Kb / 16P
2A, 24V, 500kHz, High-Efficiency, Synchronous, Step-Down Converter
MP2315S MPS-MP2315S Datasheet
649Kb / 16P
3A, 24V, 500kHz, High-Efficiency, Synchronous, Step-Down Converter
12/21/2015 Rev. 1.0
MP2318 MPS-MP2318 Datasheet
1Mb / 18P
High Efficiency 2A, 24V, 2MHz Synchronous Step-Down Converter
MP8765 MPS-MP8765 Datasheet
1Mb / 21P
24V, 6A High Efficiency Synchronous Step-down Converter
NB634 MPS-NB634 Datasheet
349Kb / 13P
High Efficiency 5A, 24V, 500kHz Synchronous Step-down Converter
logo
ACE Technology Co., LTD...
ACE72224Y ACE-ACE72224Y Datasheet
197Kb / 3P
High-Efficiency 2A, 24V Input Synchronous Step-Down Converter
VER 1.4
ACE72241Y ACE-ACE72241Y Datasheet
198Kb / 3P
High-Efficiency 3A, 24V Input Synchronous Step Down Converter
VER 1.2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com