Electronic Components Datasheet Search
  English  ▼

X  

OMH310 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # OMH310
Description  DUAL, LOW VOLTAGE, LOW RDS(on), MOSFET H-BRIDGE CIRCUIT IN A PLASTIC PACKAGE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

OMH310 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  OMH310 Datasheet HTML 1Page - List of Unclassifed Manufacturers OMH310 Datasheet HTML 2Page - List of Unclassifed Manufacturers OMH310 Datasheet HTML 3Page - List of Unclassifed Manufacturers OMH310 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
2.1 - 31
OMH310 OMH315
2.1
ELECTRICAL CHARACTERISTICS: OMH315A (TC = 25° unless otherwise specified)
Characteristic
Symbol
Min.
Typ.
Max.
Unit
OFF CHARACTERISTICS
Drain-Source Breakdown Voltage, I
D = 250 µA, VGS = 0
V
(BR)DSS
50
--V
Zero Gate Voltage Drain Current = V
GS , VDS = Max. Rat.
I
DSS
-
-
250
µA
V
DS = Max. Rat. x 0.8, TC = 70°C
-
-
750
µA
Gate-Body Leakage, V
GS = ±12 V
I
GSS
-
-
±500
nA
ON CHARACTERISTICS
Gate-Threshold Voltage, V
DS = VGS, ID = 250 µA
V
GS(th)
2.0
-
4.0
V
Static Drain-Source On-Resistance, V
GS = 10 Vdc, ID = 10 A
R
DS(on)
-
-
0.07
Static Drain-Source On-Resistance T
C = 70°C
-
-
0.14
On State Drain Current, V
DS > ID(on) X RDS(on) Max., VGS = 10 V
I
D(on)
20
--A
DYNAMIC CHARACTERISTICS
Forward Transconductance, V
DS > ID(on) X RDS(on) Max., ID = 10 A
g
fs
5.0
-
-
mho
Input Capacitance
V
DS = 25 V,
C
iss
-
1020
-
pF
Output Capacitance
V
GS = 0,
C
oss
-
500
-
pF
Reverse Transfer Capacitance
f = 1.0 mHz
C
rss
-
120
-
pF
SWITCHING CHARACTERISTICS
Turn-On Delay Time
t
d(on)
-
-
50
ns
Rise Time
V
DD = 30 V, ID = 10 A,
t
r
-
-
75
ns
Turn-Off Delay Time
R
GS = 4.7 , VGS = 10 V,
t
d(off)
-
-
50
ns
Fall Time
R
L = 2.4
t
f
-
-
50
ns
SOURCE DRAIN DIODE CHARACTERISTICS
Source - Drain Current
I
SD
--
25
A
Source - Drain Current (Pulsed)
I
SDM*
-
-
100
A
Forward On-Voltage, I
SD = 28 A, VGS = 0
V
SD
-
-
2.4
V
Reverse Recovery Time
t
rr
-
100
-
ns
Reverse Recovered Charge
I
SD = 13 A,di/dt = 100 A/µSec
Q
rr
-
0.15
-
µC
RESISTOR CHARACTERISTICS
Resistor Tolerance
R
S
9.0
10
11
m
Temperature Coefficient, -40°C to +70°C
T
cr
-
100
-
ppm
* Indicates Pulse Test 300 µsec, Duty Cycle 1.5%



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com