Electronic Components Datasheet Search
  English  ▼

X  

OMH310 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # OMH310
Description  DUAL, LOW VOLTAGE, LOW RDS(on), MOSFET H-BRIDGE CIRCUIT IN A PLASTIC PACKAGE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

OMH310 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  OMH310 Datasheet HTML 1Page - List of Unclassifed Manufacturers OMH310 Datasheet HTML 2Page - List of Unclassifed Manufacturers OMH310 Datasheet HTML 3Page - List of Unclassifed Manufacturers OMH310 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
2.1 - 29
2.1
OMH310
OMH315
Dual 50 Volt, 15 And 20 Amp H-Bridge
With Current And Temperature Sensing
In A Low Profile Plastic Package
4 11 R0
DUAL, LOW VOLTAGE, LOW RDS(on), MOSFET
H-BRIDGE CIRCUIT IN A PLASTIC PACKAGE
FEATURES
• H-Bridge Configuration
• Zener Gate Protection
• 10 m Shunt Resistor
• 2 Linear Thermal Sensors, One For Each Bridge
• Isolated Package
• Output Currents Up To 20 Amps
DESCRIPTION
This series of MOSFET switches is configured as a Dual H-Bridge with common VDD
lines, precision series shunt resistor in the source line, and sensing elements to
monitor the substrate temperature of each switch. This device is ideally suited for
Stepping Motor Control applications where size, performance, and efficiency are key.
MAXIMUM RATINGS (TC = @ 25°C)
Part
VDS
RDS(on)
ID
Package
Number
(Volts)
(m )
(Amps)
OMH310
50
100
15
MP-3
OMH315
50
70
20
MP-3
ABSOLUTE MAXIMUM RATINGS (TC = @ 25°C unless otherwise noted)
Parameter
OMH310
OMH315
Units
Drain Source Voltage, VDS
50
50
V
Drain-Gate (RGS = 1m ), VDGR
50
50
V
Continuous Drain Current, ID @ TC = 25°C
15
25
A
Continuous Drain Current, ID @ TC = 70°C
11
16
A
Pulse Drain Current, IDM (1)
56
100
A
Maximum Power Dissipation, PD @ TC = 25°C (2)
20
50
W
Maximum Power Dissipation, PD @ TC = 70°C (2)
1 1
18
W
Linear Derating Factor, Junction-To-Case
0 . 2
0.33
W/C
Thermal Resistance, Junction-To-Case
5.0
3.0
°C/W
Notes:
(1) Pulse Test: Pulse width 300 sec. Duty Cycle 1.5%. (2) Maximum Junction Temperature = 125°C.


Similar Part No. - OMH310

ManufacturerPart #DatasheetDescription
logo
OPTEK Technologies
OMH3131 OPTEK-OMH3131 Datasheet
244Kb / 7P
High Reliability Hallogic Hall-Effect Sensors
logo
TT Electronics.
OMH3131 TTELEC-OMH3131 Datasheet
415Kb / 7P
High Reliability Hallogic짰 Hall-Effect Sensors
logo
OPTEK Technologies
OMH3131B OPTEK-OMH3131B Datasheet
146Kb / 7P
High Reliability Hallogic Hall-Effect Sensors
logo
TT Electronics.
OMH3131B TTELEC-OMH3131B Datasheet
415Kb / 7P
High Reliability Hallogic짰 Hall-Effect Sensors
logo
OPTEK Technologies
OMH3131S OPTEK-OMH3131S Datasheet
146Kb / 7P
High Reliability Hallogic Hall-Effect Sensors
More results

Similar Description - OMH310

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
OM60N10S ETC-OM60N10S Datasheet
75Kb / 8P
LOW VOLTAGE, LOW RDS(on) POWER MOSFETS IN HERMETIC ISOLATED PACKAGE
OMS510 ETC-OMS510 Datasheet
49Kb / 4P
3 PHASE, LOW VOLTAGE, LOW RDS(on), MOSFET BRIDGE CIRCUIT IN A PLASTIC PACKAGE
logo
International Rectifier
OM60N06SA IRF-OM60N06SA Datasheet
215Kb / 6P
LOW VOLTAGE, LOW RDS(on) POWER MOSFETS IN HERMETIC ISOLATED PACKAGE
logo
Texas Instruments
DRV8835 TI-DRV8835 Datasheet
656Kb / 16P
DUAL LOW VOLTAGE H-BRIDGE IC
DRV8836 TI-DRV8836 Datasheet
655Kb / 16P
DUAL LOW VOLTAGE H-BRIDGE IC
logo
International Rectifier
OM55N10SC IRF-OM55N10SC Datasheet
81Kb / 8P
LOW VOLTAGE, LOW RDS(on) POWER MOSFETS IN HERMETIC ISOLATED PACKAGE
logo
Texas Instruments
DRV8835 TI-DRV8835_15 Datasheet
850Kb / 19P
DUAL LOW VOLTAGE H-BRIDGE IC
DRV8836 TI-DRV8836_15 Datasheet
846Kb / 18P
DUAL LOW VOLTAGE H-BRIDGE IC
DRV8835 TI1-DRV8835_16 Datasheet
1Mb / 24P
Dual Low-Voltage H-Bridge IC
DRV8836 TI1-DRV8836_16 Datasheet
967Kb / 24P
Dual Low-Voltage H-Bridge IC
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com