Electronic Components Datasheet Search
  English  ▼

X  

OMH310 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # OMH310
Description  DUAL, LOW VOLTAGE, LOW RDS(on), MOSFET H-BRIDGE CIRCUIT IN A PLASTIC PACKAGE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

OMH310 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  OMH310 Datasheet HTML 1Page - List of Unclassifed Manufacturers OMH310 Datasheet HTML 2Page - List of Unclassifed Manufacturers OMH310 Datasheet HTML 3Page - List of Unclassifed Manufacturers OMH310 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
SCHEMATIC
MECHANICAL OUTLINE
OMH310 OMH315
2.1
205 Crawford Street, Leominster, MA 01453 USA (508) 534-5776 FAX (508) 537-4246
Q1
R1
Z1
Q3
R3
Z3
Q5
R5
Z5
Q2
R2
Z2
Q4
R4
Z4
Q6
R6
Z6
Q7
R7
Z7
Q8
R8
Z8
PTC 1
PTC 2
RS
RS
7
6
5
8
11 12
13
9
16 10
21
22
14
15
20
19
17
34
32 26
31 30 29
28
24 25
27
1
2
34
33
23 18
.360
.180
.020
.360 MAX.
2.000
1.350
.150
(4) PLCS.
4.000
3.000
.150
.500
.500
.250
.250
.600
.325
.050
(34) PLCS.
.300
2.450
.135
Pin 1: Gate Q2
Pin 2: Source Q2
Pin 3: PTC 1
Pin 4: PTC 1
Pin 5: Gate Q4
Pin 6: Source Q4
Pin 7: Sense R 1
Pin 8: Sense R 1
Pin 9: Gate Q6
Pin 10: Source Q6
Pin 11: Return Sense
Pin 12: Return
Pin 13: Return
Pin 14: Gate Q8
Pin 15: Source Q8
Pin 16: Sense R 2
Pin 17: Sense R 2
Pin 34: Gate Q1
Pin 33: Source Q1
Pin 32: Output Q1, Q2
Pin 31: Gate Q3
Pin 30: Source Q3
Pin 29: VM
Pin 28: VM
Pin 27: VM
Pin 26: Output Q3, Q4
Pin 25: Gate Q5
Pin 24: Source Q5
Pin 23: Output Q5, Q6
Pin 22: +PTC
Pin 21: -PTC
Pin 20: Gate Q7
Pin 19: Source Q7
Pin 18: Output Q7, Q8
1
Contact factory for lead bending options.
Mounting Recommendations: Maximum Mounting Torque: 3.0 mN.
The module must be attached to a flat heat sink (flatness 100µm maximum).



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com