Electronic Components Datasheet Search
  English  ▼

X  

MP4420 Datasheet(PDF) 15 Page - Monolithic Power Systems

Part # MP4420
Description  High Efficiency 2A, 36V, Synchronous Step Down Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP4420 Datasheet(HTML) 15 Page - Monolithic Power Systems

Back Button MP4420 Datasheet HTML 11Page - Monolithic Power Systems MP4420 Datasheet HTML 12Page - Monolithic Power Systems MP4420 Datasheet HTML 13Page - Monolithic Power Systems MP4420 Datasheet HTML 14Page - Monolithic Power Systems MP4420 Datasheet HTML 15Page - Monolithic Power Systems MP4420 Datasheet HTML 16Page - Monolithic Power Systems MP4420 Datasheet HTML 17Page - Monolithic Power Systems MP4420 Datasheet HTML 18Page - Monolithic Power Systems MP4420 Datasheet HTML 19Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
MP4420 – 36V, 2A SYNCHRONOUS STEP-DOWN CONVERTER
MP4420 Rev.1.0
www.MonolithicPower.com
15
8/5/2014
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2014 MPS. All Rights Reserved.
mode is especially useful when the output is
dead-shorted to ground. The average short-
circuit current is greatly reduced to alleviate the
thermal issue and to protect the regulator. The
MP4420 exits the hiccup mode once the over-
current condition is removed.
Thermal Shutdown
Thermal shutdown prevents the chip from
operating at exceedingly high temperatures.
When the silicon die temperature exceeds 170°C,
it shuts down the whole chip. When the
temperature drops below its lower threshold
(typically 140°C) the chip is enabled again.
Floating Driver and Bootstrap Charging
An external bootstrap capacitor power the
floating-power-MOSFET
driver.
A
dedicated
internal regulator (see figure 3) charges and
regulates the bootstrap capacitor voltage to ~5V.
When the voltage between the BST and SW
nodes drops below regulation, a PMOS pass
transistor connected from VIN to BST turns on.
The charging current path is from VIN, BST and
then to SW. The external circuit should provide
enough voltage headroom to facilitate charging.
As long as VIN is significantly higher than SW, the
bootstrap capacitor remains charged. When the
HS-FET is ON, VIN ≈ VSW so the bootstrap
capacitor cannot charge. When the LS-FET is
ON, VIN−VSW reaches its maximum for fast
charging. When there is no inductor current,
VSW=VOUT so the difference between VIN and VOUT
can charge the bootstrap capacitor. The floating
driver has its own UVLO protection, with a rising
threshold of 2.2V and hysteresis of 150mV. A
20Ω resistor placed between SW and BST cap is
strongly recommended to reduce SW spike
voltage.
.
Figure 3: Internal Bootstrap Charging Circuit
Startup and Shutdown
If both VIN and EN exceed their appropriate
thresholds, the chip starts: The reference block
starts first, generating stable reference voltage
and currents, and then the internal regulator is
enabled. The regulator provides stable supply for
the remaining circuitries.
Three events can shut down the chip: EN low, VIN
low, and thermal shutdown. In the shutdown
procedure, the signaling path is first blocked to
avoid any fault triggering. The COMP voltage and
the internal supply rail are then pulled down. The
floating driver is not subject to this shutdown
command.
Power Good
The MP4420 has power good (PG) output. The
PG pin is the open drain of a MOSFET. It should
be connected to VCC or some other voltage
source through a resistor (e.g. 100kΩ). In the
presence of an input voltage, the MOSFET turns
on so that the PG pin is pulled to low before SS
is ready. After VFB reaches 90%×REF, the PG pin
is pulled high after a delay, typically 90μs. When
VFB drops to 84%×REF, the PG pin is pulled low.
Also, PG is pulled low if thermal shutdown or EN
is pulled low.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com