Electronic Components Datasheet Search
  English  ▼

X  

MP4420 Datasheet(PDF) 18 Page - Monolithic Power Systems

Part # MP4420
Description  High Efficiency 2A, 36V, Synchronous Step Down Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP4420 Datasheet(HTML) 18 Page - Monolithic Power Systems

Back Button MP4420 Datasheet HTML 12Page - Monolithic Power Systems MP4420 Datasheet HTML 13Page - Monolithic Power Systems MP4420 Datasheet HTML 14Page - Monolithic Power Systems MP4420 Datasheet HTML 15Page - Monolithic Power Systems MP4420 Datasheet HTML 16Page - Monolithic Power Systems MP4420 Datasheet HTML 17Page - Monolithic Power Systems MP4420 Datasheet HTML 18Page - Monolithic Power Systems MP4420 Datasheet HTML 19Page - Monolithic Power Systems MP4420 Datasheet HTML 20Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
MP4420 – 36V, 2A SYNCHRONOUS STEP-DOWN CONVERTER
MP4420 Rev.1.0
www.MonolithicPower.com
18
8/5/2014
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2014 MPS. All Rights Reserved.
BST Resistor and External BST Diode
A 20ohm resistor in series with BST capacitor is
recommended to reduce the SW spike voltage.
Higher resistance is better for SW spike
reduction, but will compromise the efficiency on
the other hand.
An external BST diode can enhance the
efficiency of the regulator when the duty cycle is
high (>65%). A power supply between 2.5V and
5V can be used to power the external bootstrap
diode and VCC or VOUT is the good choice of
this power supply in the circuit as shown in
Figure 6.
CBST
COUT
L
3
5
BST
SW
External BST diode
1N4148
VCC/VOUT
VCC 7
VOUT
RBST
Figure 6: Optional External Bootstrap Diode to
Enhance Efficiency
The recommended external BST diode is IN4148,
and the BST capacitor value is 0.1µF to 1μF.
PCB Layout
PCB layout, especially the input capacitor and
VCC capacitor placement, is very important to
achieve stable operation. For the best results,
follow these guidelines:
1) Place the ceramics input capacitor as close to
IN and GND pins as possible, especially the
small package size (0603) input bypass capacitor.
Keep the connection of input capacitor and IN pin
as short and wide as possible.
2) Place the VCC capacitor to VCC pin and GND
pin as close as possible. Make the trace length of
VCC pin-VCC capacitor anode-VCC capacitor
cathode-chip GND pin as short as possible.
3) Use large ground plane directly connect to
GND pin. Add vias near the GND pin if bottom
layer is ground plane.
4) Route SW, BST away from sensitive analog
areas such as FB.
5) Place the T-type feedback resistor close to
chip to ensure the trace which connects to FB pin
as the short as possible.
Top Layer
Bottom Layer
Figure 7: Recommended PCB Layout



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com