Electronic Components Datasheet Search
  English  ▼

X  

MP8714 Datasheet(PDF) 15 Page - Monolithic Power Systems

Part # MP8714
Description  High-Efficiency, 10A, 17V, Synchronous, Step-Down Converter With External Soft Start and Power Good
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8714 Datasheet(HTML) 15 Page - Monolithic Power Systems

Back Button MP8714 Datasheet HTML 11Page - Monolithic Power Systems MP8714 Datasheet HTML 12Page - Monolithic Power Systems MP8714 Datasheet HTML 13Page - Monolithic Power Systems MP8714 Datasheet HTML 14Page - Monolithic Power Systems MP8714 Datasheet HTML 15Page - Monolithic Power Systems MP8714 Datasheet HTML 16Page - Monolithic Power Systems MP8714 Datasheet HTML 17Page - Monolithic Power Systems MP8714 Datasheet HTML 18Page - Monolithic Power Systems MP8714 Datasheet HTML 19Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
MP8714 – 17V, 10A, SYNCHRONOUS, STEP-DOWN CONVERTER
MP8714 Rev.1.0
www.MonolithicPower.com
15
12/27/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
APPLICATION INFORMATION
Setting the Output
The reference voltage and external resistor
divider can set the output voltage through FB.
The feedback resistors R1 and R3 set the
feedback loop bandwidth with the internal
compensation capacitor. Choose a value for R1
first, and then calculate R2 with Equation (2):
1
V
V
R1
R2
REF
OUT
(2)
The T-type network is highly recommended
(see Figure 6).
Figure 6: T-Type Network
Table 1 lists the recommended feedback
resistors value for common output voltages.
Table 1: Resistor Selection for Common Output
Voltages
(9)
VOUT
(V)
R1
(kΩ)
R2
(kΩ)
R3
(kΩ)
C6
(pF)
L
(µH)
0.9
80.6
(1%)
162
(1%)
51
(1%)
22
1.5
1.0
80.6
(1%)
120
(1%)
51
(1%)
22
1.5
1.2
80.6
(1%)
80.6
(1%)
40.2
(1%)
22
1.5
2.5
60.4
(1%)
19.1
(1%)
30
(1%)
22
2.2
3.3
60.4
(1%)
13.3
(1%)
20
(1%)
33
3.3
5
60.4
(1%)
8.25
(1%)
20
(1%)
33
3.3
NOTE:
9)
The recommended parameters are based on a 12V input
voltage and 22µFx4 output capacitor. Different input voltage
and output capacitor values may affect the selection of R1,
R2, R3, and C6. For other components’ parameters, please
refer to the Typical Application Circuits on page 18.
Selecting the Inductor
Use a 0.47µH to 10µH inductor with a DC
current rating at least 25% higher than the
maximum load current for most applications.
For the highest efficiency, use an inductor with
a DC resistance less than 15mΩ. For most
designs, the inductance value can be derived
from Equation (3):
OUT
IN
OUT
1
IN
L
OSC
V(V
V
)
L
VI
f

 
(3)
Where ∆IL is the inductor ripple current.
Choose the inductor ripple current to be
approximately 30% of the maximum load
current. The maximum inductor peak current
can be calculated with Equation (4):
2
I
I
I
L
LOAD
)
MAX
(
L
(4)
Use a larger inductor for improved efficiency
under light-load conditions below 100mA.
Selecting the Input Capacitor
The input current to the step-down converter is
discontinuous
and
therefore
requires
a
capacitor to supply AC current to the step-down
converter while maintaining the DC input
voltage. Use low ESR capacitors for the best
performance. Ceramic capacitors with X5R or
X7R dielectrics are recommended for best
results because of their low ESR and small
temperature coefficients. For most applications,
use two 22µF capacitors.
Since C1 absorbs the input switching current, it
requires an adequate ripple current rating. The
RMS current in the input capacitor can be
estimated with Equation (5):
IN
OUT
IN
OUT
LOAD
1
C
V
V
1
V
V
I
I
(5)
The worst-case condition occurs at VIN =
2VOUT, shown in Equation (6):
2
I
I
LOAD
1
C
(6)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com