Electronic Components Datasheet Search
  English  ▼

X  

MP8714 Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # MP8714
Description  High-Efficiency, 10A, 17V, Synchronous, Step-Down Converter With External Soft Start and Power Good
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8714 Datasheet(HTML) 4 Page - Monolithic Power Systems

  MP8714 Datasheet HTML 1Page - Monolithic Power Systems MP8714 Datasheet HTML 2Page - Monolithic Power Systems MP8714 Datasheet HTML 3Page - Monolithic Power Systems MP8714 Datasheet HTML 4Page - Monolithic Power Systems MP8714 Datasheet HTML 5Page - Monolithic Power Systems MP8714 Datasheet HTML 6Page - Monolithic Power Systems MP8714 Datasheet HTML 7Page - Monolithic Power Systems MP8714 Datasheet HTML 8Page - Monolithic Power Systems MP8714 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
MP8714 – 17V, 10A, SYNCHRONOUS, STEP-DOWN CONVERTER
MP8714 Rev.1.0
www.MonolithicPower.com
4
12/27/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS
VIN = 12V, TJ = -40°C to 125°C (7), unless otherwise noted. Typical value is based on the
average value when TJ = 25°C.
Parameter
Symbol
Condition
Min
Typ
Max
Units
Supply current (shutdown)
IIN
VEN = 0V
9
13
μA
Supply current (quiescent)
IQ
VEN = 2V, no switching
560
800
μA
HS switch on resistance
HSRDS-ON
VBST-SW = 5V
26
mΩ
LS switch on resistance
LSRDS-ON
VCC = 5V
11
mΩ
Switch leakage
SWLKG
VEN = 0V, VSW = 12V or 0V,
TJ = 25°C
1
μA
High-side current limit
(8)
ILIMIT H
Under 40% duty cycle
11.7
14
A
Oscillator frequency
fSW
TJ = 25°C
400
500
570
kHz
TJ = -40°C to 125°C
350
600
Foldback frequency
fVOUT
VFB = 150mV
0.5
fSW
SYNC frequency range
fSYNC
200
2000
kHz
Maximum duty cycle
DMAX
VFB = 500mV, fS = 500kHz
93
95
%
Minimum on time
(8)
tON MIN
40
ns
FB voltage
VFB
TJ = 25°C
594
600
606
mV
TJ = -40°C to 85°C
(8)
588
612
FB current
IFB
VFB = 620mV
10
50
nA
EN/SYNC pull-up current
IEN_PU
VEN = 0V, TJ = 25°C
4.3
6.2
7.5
μA
VEN = 0V, TJ = -40°C to 125°C
3.2
8
EN/SYNC rising threshold
VEN_Rise
TJ = 25°C
1.27
1.38
1.48
V
TJ = -40°C to 125°C
1.25
1.5
EN/SYNC hysteresis
VEN_HYS
TJ = 25°C
100
150
200
mV
TJ = -40°C to 125°C
80
220
EN/SYNC turn-off delay
ENtd-off
10
μs
VIN under-voltage lockout
threshold rising
INUVVth
TJ = 25°C
4.03
4.16
4.29
V
TJ = -40°C to 125°C
4
4.32
VIN under-voltage lockout
threshold hysteresis
INUVHYS
510
610
700
mV
Power good UV threshold
rising
PGVth-Hi
TJ = 25°C
0.85
0.9
0.94
VOUT
TJ = -40°C to 125°C
0.84
0.95
Power good UV threshold
falling
PGVth-Lo
TJ = 25°C
0.64
0.7
0.73
VOUT
TJ = -40°C to 125°C
0.63
0.74
Power good deglitch time
PGTd
100
160
μs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com