Electronic Components Datasheet Search
  English  ▼

X  

FL663 Datasheet(PDF) 5 Page - ON Semiconductor

Part # FL663
Description  Primary-Side-Regulation PWM Controller
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FL663 Datasheet(HTML) 5 Page - ON Semiconductor

  FL663 Datasheet HTML 1Page - ON Semiconductor FL663 Datasheet HTML 2Page - ON Semiconductor FL663 Datasheet HTML 3Page - ON Semiconductor FL663 Datasheet HTML 4Page - ON Semiconductor FL663 Datasheet HTML 5Page - ON Semiconductor FL663 Datasheet HTML 6Page - ON Semiconductor FL663 Datasheet HTML 7Page - ON Semiconductor FL663 Datasheet HTML 8Page - ON Semiconductor FL663 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
© 2015 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FL663
• Rev. 1.0
4
Absolute Maximum Ratings
Stresses exceeding the absolute maximum ratings may damage the device. The device may not function or be
operable above the recommended operating conditions and stressing the parts to these levels is not recommended.
In addition, extended exposure to stresses above the recommended operating conditions may affect device reliability.
The absolute maximum ratings are stress ratings only.
Symbol
Parameter
Min.
Max.
Unit
VHV
HV Pin Input Voltage
500
V
VVDD
DC Supply Voltage
(1)
30
V
VVS
VS Pin Input Voltage
-0.3
6.0
V
VCS
CS Pin Input Voltage
-0.3
6.0
V
PD
Power Dissipation (TA<50°C)
660
mW
θJA
Thermal Resistance, (Junction-to-Air)
+150
°C/W
θJC
Thermal Resistance, (Junction-to-Case)
39
°C/W
TJ
Junction Temperature
-40
+150
°C
TSTG
Storage Temperature Range
-55
+150
°C
TL
Lead Temperature (Wave Soldering or IR, 10 Seconds)
+260
°C
ESD
(2)
Electrostatic Discharge Capability
Human Body Model (Except HV Pin),
JEDEC-JESD22_A114
5.0
kV
Charged Device Model (Except HV Pin),
JEDEC-ESD22_C101
2.0
Notes:
1.
All voltage values, except differential voltages, are given with respect to GND pin.
2.
All Pins: HBM=1 kV, CDM=1.25 kV
Recommended Operating Conditions
The Recommended Operating Conditions table defines the conditions for actual device operation. Recommended
operating conditions are specified to ensure optimal performance to the datasheet specifications. Fairchild does not
recommend exceeding them or designing to Absolute Maximum Ratings.
Symbol
Parameter
Min.
Typ.
Max.
Unit
VDD
Continuous Operating Voltage
25
V
TA
Operation Ambient Temperature
-40
+125
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com