Electronic Components Datasheet Search
  English  ▼

X  

FL663 Datasheet(PDF) 13 Page - ON Semiconductor

Part # FL663
Description  Primary-Side-Regulation PWM Controller
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FL663 Datasheet(HTML) 13 Page - ON Semiconductor

Back Button FL663 Datasheet HTML 7Page - ON Semiconductor FL663 Datasheet HTML 8Page - ON Semiconductor FL663 Datasheet HTML 9Page - ON Semiconductor FL663 Datasheet HTML 10Page - ON Semiconductor FL663 Datasheet HTML 11Page - ON Semiconductor FL663 Datasheet HTML 12Page - ON Semiconductor FL663 Datasheet HTML 13Page - ON Semiconductor FL663 Datasheet HTML 14Page - ON Semiconductor FL663 Datasheet HTML 15Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
© 2015 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FL663
• Rev. 1.0
12
VDD Under-Voltage Lockout (UVLO)
The turn-on and turn-off thresholds are fixed internally at
16 V and 7.5 V, respectively. During startup, the VDD
capacitor (CVDD) must be charged to 16 V. The VDD
capacitor (CVDD) continues to supply VDD until power can
be delivered from the auxiliary winding of the main
transformer. VDD is not allowed to drop below 7.5 V
during this startup process. This UVLO hysteresis
window ensures that VDD capacitor (CVDD) properly
supplies VDD during startup.
VDD Over-Voltage Protection (OVP)
The
OVP
prevents
damage
from
over-voltage
conditions. If the VDD voltage exceeds 28 V at open-loop
feedback condition, the OVP is triggered and the PWM
switching is disabled. The OVP has a debounce time
(typically 200 µs) to prevent false triggering due to
switching noises.
Thermal Shutdown Protection (TSD)
The built-in temperature-sensing circuit shuts down
PWM output if the junction temperature exceeds 140°C.
There is a hysteresis of 15°C.
Pulse-by-Pulse Current Limit
When the current sensing voltage (VCS) across the
current-sense
resistor
(RSense)
of
MOSFET
(Q1)
exceeds the internal threshold of 0.8 V, the MOSFET
(Q1) is turned off for the remainder of switching cycle. In
normal operation, the pulse-by-pulse current limit is not
triggered because the peak current is limited by the
control loop.
Leading-Edge Blanking (LEB)
Each time the power MOSFET (Q1) switches on, a turn-
on spike occurs at the sense resistor (RSense). To avoid
premature termination of the switching pulse, a leading-
edge blanking time is built in. Conventional RC filtering
can be omitted. During this blanking period, the current-
limit comparator is disabled and cannot switch off the
gate driver.
Gate Output
The FL663 output stage is a fast totem-pole gate driver.
Cross conduction has been avoided to minimize heat
dissipation, increase efficiency, and enhance reliability.
The output driver is clamped by an internal 15 V Zener
diode to protect power MOSFET transistors against
undesired over-voltage gate signals.
Built-in Slope Compensation
The sensed voltage across the current-sense resistor is
used for Current Mode control and pulse-by-pulse
current limiting. Built-in slope compensation improves
stability and prevents sub-harmonic oscillations due to
peak-current
mode
control.
The
FL663
has
a
synchronized, positive-slope ramp built-in at each
switching cycle.
Noise Immunity
Noise from the current sense or the control signal can
cause
significant
pulse-width
jitter,
particularly
in
Continuous-Conduction
Mode.
While
slope
compensation helps alleviate these problems, further
precautions should still be taken. Good placement and
layout practices should be followed. Avoiding long PCB
traces and component leads, locating compensation
and filter components near the FL663, and increasing
the power MOSFET gate resistance are advised.
Operation Area
Figure 23 shows operation area. FL663 has two
switching frequency (fS) in Constant Current Mode. One
is 50 kHz. In this case, FL663 can be operated with best
condition for LED illumination. The output voltage range
is between normal output voltage (VO
N) and 50% of
normal output voltage (VO
N). The other is 33 kHz. When
the output voltage is dropped by decreasing the number
of LEDs, the output voltage (VO) drops under 50% of
normal voltage (VO
N). At that time, V
DD drops to near
UVLO protection and triggers protection. To avoid
33 kHz, VO
N should be designed with enough margin.
A
VO
IO
VO
N
fS = 50kHz
fS = 33kHz
0.5*VO
N
Constant Voltage
Operation
Constant Current
Operation
Protection
O
B
C
UVLO
Figure 23.
Operation Area



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com