Electronic Components Datasheet Search
  English  ▼

X  

FL663 Datasheet(PDF) 2 Page - ON Semiconductor

Part # FL663
Description  Primary-Side-Regulation PWM Controller
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FL663 Datasheet(HTML) 2 Page - ON Semiconductor

  FL663 Datasheet HTML 1Page - ON Semiconductor FL663 Datasheet HTML 2Page - ON Semiconductor FL663 Datasheet HTML 3Page - ON Semiconductor FL663 Datasheet HTML 4Page - ON Semiconductor FL663 Datasheet HTML 5Page - ON Semiconductor FL663 Datasheet HTML 6Page - ON Semiconductor FL663 Datasheet HTML 7Page - ON Semiconductor FL663 Datasheet HTML 8Page - ON Semiconductor FL663 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
June 2015
© 2015 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FL663
• Rev. 1.0
FL663
Primary-Side-Regulation PWM Controller for
LED Illumination
Features
Low Standby Power: < 30 mW
High-Voltage Startup
Few External Component Counts
Constant-Voltage (CV) and Constant-Current (CC)
Control without Secondary-Feedback Circuitry
Green-Mode: Linearly-Decreasing PWM Frequency
with Cycle skipping.
Fixed PWM Frequency at 50 kHz and 33 kHz with
Proprietary Frequency Hopping to Solve EMI
Problems
Peak-Current-Mode Control in CV Mode
Cycle-by-Cycle Current Limiting
V
DD Over-Voltage Protection (OVP)
V
DD Under-Voltage Lockout (UVLO)
Adjustable Brownout Detector
Gate Output Maximum Voltage Clamped at 15 V
Thermal Shutdown (TSD) Protection
Available in the 8-Lead SOIC Package
Applications
LED Illumination
Battery chargers for cellular phones, cordless
phones, PDA, digital cameras, power tools
Description
This third-generation Primary-Side-Regulation (PSR)
and highly integrated PWM controller provides features
to enhance the performance of LED illumination.
The proprietary topology, TRUECURRENT
®, enables
precise CC regulation and simplified circuit for LED
illumination applications. The result is lower-cost and
smaller LED lighting compared to a conventional design
or a linear transformer.
To
minimize
standby
power
consumption,
the
proprietary
green-mode
function
provides
off-time
modulation to linearly decrease PWM frequency with
cycle skipping under light-load conditions. Green mode
assists the power supply in meeting the power
conservation requirements.
By
using
the
FL663,
LED
illumination
can
be
implemented
with
few
external
components
and
minimized cost.
Figure 1.
8-Lead SOIC
Ordering Information
Part Number
Operating
Temperature Range
Top Mark
Package
Packing
Method
FL663MX
-40°C to +125°C
FL663
8-Lead, Small-Outline Package (SOIC-8)
Tape & Reel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com