Electronic Components Datasheet Search
  English  ▼

X  

ST78C36 Datasheet(PDF) 10 Page - Exar Corporation

Part # ST78C36
Description  ECP/EPP PARALLEL PRINTER PORT WITH 16-BYTE FIFO
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

ST78C36 Datasheet(HTML) 10 Page - Exar Corporation

Back Button ST78C36 Datasheet HTML 6Page - Exar Corporation ST78C36 Datasheet HTML 7Page - Exar Corporation ST78C36 Datasheet HTML 8Page - Exar Corporation ST78C36 Datasheet HTML 9Page - Exar Corporation ST78C36 Datasheet HTML 10Page - Exar Corporation ST78C36 Datasheet HTML 11Page - Exar Corporation ST78C36 Datasheet HTML 12Page - Exar Corporation ST78C36 Datasheet HTML 13Page - Exar Corporation ST78C36 Datasheet HTML 14Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
ST78C36/36A
áç
áç
áç
áç
ECP/EPP PARALLEL PRINTER PORT WITH 16-BYTE FIFO
REV. 5.0.1
10
ECR Bits 7-5:
This field can be set to any value if the current value is 000 or 001. If the current value is not 000 or 001, then
the field can only be written to 000 or 001. The modes are defined as:
4.0
DEVICE OPERATION
4.1
SPP MODE
This is ECR mode 000 (system RESET mode).
In this output-only mode the host data is registered to PD[7:0] at the trailing edge of -IOW; PDIR is driven low;
-STROBE, -AUTOFD, INIT, and -SLCTIN are open-drain; and all timing is managed by the host through DSR
and DCR registers.
4.2
PS2 MODE
This is ECR mode 001.
In this bi-directional mode the host output data is registered to PD[7:0] at the trailing edge of -IOW, PDIR is
driven by DIR to allow peripheral data input, -AUTOFD, INIT, and -SLCTIN are totem-pole, and all timing is
managed by the host through DSR and DCR registers.
4.3
PPF MODE
This is ECR mode 010.
In this output-only mode the host data is written to the FIFO with I/O writes to address 400 or by DMA writes;
PDIR is driven low; -AUTOFD, INIT, and -SLCTIN are totem-pole.
FIFO data is automatically registered to PD[7:0] whenever the FIFO-E bit is low (data available), and timing is
generated by controller logic that handshakes -STROBE (controller) with BUSY (peripheral).
4.4
ECP MODE
This is ECR mode 011.
In this bi-directional mode the host data is written to the FIFO with I/O writes to address 000, 400 or DMA;
PDIR is driven by DIR (can only be set in ECR mode 001); -AUTOFD, INIT, and -SLCTIN are totem-pole. I/O
writes to address 000 will write a low into the FIFO tag bit, while I/O writes to address 400 or DMA will insert a
high.
4.4.1
ECP FORWARD MODE (PDIR = 0)
FIFO data is automatically registered to PD[7:0] whenever the FIFO-E bit is low (data available), and timing is
generated by controller logic that handshakes -STROBE (controller) with BUSY (peripheral). Data from the
FIFO tag bit is output on -AUTOFD after being registered simultaneous with FIFO data.
TABLE 4: DESCRIPTION OF PARALLEL PORT MODES
MODE
NAME
DESCRIPTION
000
SPP
Standard Centronics, output only. DCR bit-5 is forced to "0".
001
PS2
Bi-directional PS/2 parallel port. FIFO is disabled
010
PPF
FIFOed, output only. DCR Bit-5 is forced to “0”.
011
ECP
ECP FIFOed port with RLE de-compression. FIFO direction is controlled by DCR Bit-5.
100
EPP
EPP mode.
101
-
Reserved.
110
TST
FIFO test mode. FIFO is accessible via TFIFO register.
111
CFG
Configuration A/B register enable.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com