Electronic Components Datasheet Search
  English  ▼

X  

ST78C36 Datasheet(PDF) 18 Page - Exar Corporation

Part # ST78C36
Description  ECP/EPP PARALLEL PRINTER PORT WITH 16-BYTE FIFO
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

ST78C36 Datasheet(HTML) 18 Page - Exar Corporation

Back Button ST78C36 Datasheet HTML 14Page - Exar Corporation ST78C36 Datasheet HTML 15Page - Exar Corporation ST78C36 Datasheet HTML 16Page - Exar Corporation ST78C36 Datasheet HTML 17Page - Exar Corporation ST78C36 Datasheet HTML 18Page - Exar Corporation ST78C36 Datasheet HTML 19Page - Exar Corporation ST78C36 Datasheet HTML 20Page - Exar Corporation ST78C36 Datasheet HTML 21Page - Exar Corporation ST78C36 Datasheet HTML 22Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 26 page
background image
ST78C36/36A
áç
áç
áç
áç
ECP/EPP PARALLEL PRINTER PORT WITH 16-BYTE FIFO
REV. 5.0.1
18
T30
-ACK active to -AUTOFD inactive
80
200
ns
T31
-AUTOFD inactive to -ACK inactive
0
ns
T32
Host address setup to -IOW active
40
ns
T33
Host address hold from -IOW active
10
ns
T34
Host data setup to -IOW active
0
20
ns
T35
Host data hold from -IOW active
0
ns
T36
-IOW active to IOCHRDY low
0
20
ns
T37
IOCHRDY high to Host terminate (-IOW inactive)
10
ns
T38
-IOW inactive to Host command active (-IOW or -IOR)
40
ns
T39
IOCHRDY pre-charge width at release
10
ns
T40
Host address setup to -IOR active
40
ns
T41
Host address hold from -IOR active
10
ns
T42
Host data setup to -IOR inactive
0
20
ns
T43
Host data hold from -IOR inactive
0
ns
T44
-IOR active to IOCHRDY low
0
20
ns
T45
IOCHRDY high to Host terminate (-IOR inactive)
10
ns
T46
-IOR inactive to Host command active (-IOW or -IOR)
40
ns
AC ELECTRICAL CHARACTERISTICS
TA = 0
oC - 70oC, VCC = 5.0V +/- 10%, unless otherwise specified.
SYMBOL
PARAMETER
LIMITS
MIN
TYP
MAX
UNITS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com