Electronic Components Datasheet Search
  English  ▼

X  

ST78C36 Datasheet(PDF) 19 Page - Exar Corporation

Part # ST78C36
Description  ECP/EPP PARALLEL PRINTER PORT WITH 16-BYTE FIFO
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

ST78C36 Datasheet(HTML) 19 Page - Exar Corporation

Back Button ST78C36 Datasheet HTML 15Page - Exar Corporation ST78C36 Datasheet HTML 16Page - Exar Corporation ST78C36 Datasheet HTML 17Page - Exar Corporation ST78C36 Datasheet HTML 18Page - Exar Corporation ST78C36 Datasheet HTML 19Page - Exar Corporation ST78C36 Datasheet HTML 20Page - Exar Corporation ST78C36 Datasheet HTML 21Page - Exar Corporation ST78C36 Datasheet HTML 22Page - Exar Corporation ST78C36 Datasheet HTML 23Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 26 page
background image
áç
áç
áç
áç
ST78C36/36A
REV. 5.0.1
ECP/EPP PARALLEL PRINTER PORT WITH 16-BYTE FIFO
19
NOTE: Hewlett Packard / Microsoft compliance testing requires all ECP mode drivers to be push-pull and that they have an
impedance controlled series resistor of at least 20 Ohms and that the typical on resistance of the combination of
the driver-resistor pair is in the 45-65 Ohm range.
DC ELECTRICAL CHARACTERISTICS
TA = 0
oC - 70oC, VCC = 5.0V +/- 10%, unless otherwise specified.
SYMBOL
PARAMETER
LIMITS
MIN
TYP
MAX
UNIT
S
CONDITIONS
VILCK Clock Input Low level
-0.5
0.6
V
VIHCK Clock Input High level
3.0
VCC
V
VIL
Input Low level
-0.5
0.8
V
VIH
Input High level
2.0
VCC
V
VOL
Output Low level
0.4
V
DRQ1-3, IOCHRDY: IOL = 14 mA
D0-D7: IOL = 12 mA
PDIR: IOL = 4 mA
All other outputs: IOL = 20mA
VOH
Output High level
2.4
V
D0-D7: IOH = -12mA
PDIR: IOH = -1mA
All other outputs: IOH = -20mA
ICC
Avg. power supply current
7
9
mA
IIL
Input leakage
10
µA
ICL
Clock leakage
10
µA
IR
Internal pull up resistor current
-85
-30
µA For inputs -DACK1-3, -ERROR,
SLCT, BUSY, -ACK and PE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com