Electronic Components Datasheet Search
  English  ▼

X  

MP8843 Datasheet(PDF) 17 Page - Monolithic Power Systems

Part # MP8843
Description  6V, 3A, Synchronous, Step-Down Switcher with I2C Interface
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8843 Datasheet(HTML) 17 Page - Monolithic Power Systems

Back Button MP8843 Datasheet HTML 13Page - Monolithic Power Systems MP8843 Datasheet HTML 14Page - Monolithic Power Systems MP8843 Datasheet HTML 15Page - Monolithic Power Systems MP8843 Datasheet HTML 16Page - Monolithic Power Systems MP8843 Datasheet HTML 17Page - Monolithic Power Systems MP8843 Datasheet HTML 18Page - Monolithic Power Systems MP8843 Datasheet HTML 19Page - Monolithic Power Systems MP8843 Datasheet HTML 20Page - Monolithic Power Systems MP8843 Datasheet HTML 21Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 22 page
background image
MP8843 – 6V, 3A, SYNCHRONOUS, STEP-DOWN SWITCHER WITH I
2C INTERFACE
MP8843 Rev. 1.0
www.MonolithicPower.com
17
7/15/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
Figure 2: MP8843 Control Interface
I
2C Address
The I2C slave address of the MP8843 is 0xD0H /
0xD1H. If another slave address is needed,
please contact the factory.
Table 2: I
2C Slave Address
Hex
A7
A6
A5
A4
A3
A2
A1
A0
W 0xD0
R 0XD1
1
1
1
1
0
0
1
1
0
0
0
0
0
0
R/
W
Address
0x68
I
2C Enable
The MP8843’s EN can start up and shut down
the convertor. The I2C’s EN can also control the
convertor. The Reg00 VSEL D7 bit is I2C-control
enabled. When writing D7 = 0, the convertor is
off. When writing D7 = 1, the convertor is on.
Both the external EN and I2C EN can control the
converter. The converter works only when both
EN pins are high.
Output Voltage Select
The
MP8843
output
voltage
is
I2C
programmable. There is no need to set
feedback resistors to obtain a different output
voltage. The default output voltage is 0.9031V,
but can be set from 0.6V to 1.1V in 3.9mV steps
by the I2C. Change the output voltage with the
following steps:
1. Write the Go bit (Reg02 SyCntlreg2 [D5]) to
1. This action means the output voltage can
be set to another value that is not the default
Vo voltage.
2. Write the output reference bit (Reg00 VSEL
[D6:D0]). The output voltage can be
changed according to Table 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com