Electronic Components Datasheet Search
  English  ▼

X  

MP8843 Datasheet(PDF) 5 Page - Monolithic Power Systems

Part # MP8843
Description  6V, 3A, Synchronous, Step-Down Switcher with I2C Interface
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8843 Datasheet(HTML) 5 Page - Monolithic Power Systems

  MP8843 Datasheet HTML 1Page - Monolithic Power Systems MP8843 Datasheet HTML 2Page - Monolithic Power Systems MP8843 Datasheet HTML 3Page - Monolithic Power Systems MP8843 Datasheet HTML 4Page - Monolithic Power Systems MP8843 Datasheet HTML 5Page - Monolithic Power Systems MP8843 Datasheet HTML 6Page - Monolithic Power Systems MP8843 Datasheet HTML 7Page - Monolithic Power Systems MP8843 Datasheet HTML 8Page - Monolithic Power Systems MP8843 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
MP8843 – 6V, 3A, SYNCHRONOUS, STEP-DOWN SWITCHER WITH I
2C INTERFACE
MP8843 Rev. 1.0
www.MonolithicPower.com
5
7/15/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
I/O LEVEL CHARACTERISTICS
Parameter
Symbol Condition
HS Mode
LS Mode
Units
Min
Max
Min
Max
Low-level input voltage
VIL
VIN = 2.6V - 6V
0.4
0.4
V
High-level input voltage
VIH
VIN = 2.6V - 6V
1.4
1.4
V
Low-level output voltage
(open drain) at 3mA sink
current
VOL
VCC > 2V
0
0.4
0
0.4
V
VCC < 2V
0
0.2VCC
0
0.2VCC
Low-level output current
IOL
-
3
-
3
mA
Transfer gate on
resistance for currents
between SDA and
SCAH, or SCL and
SCLH
RonL
VOL level, IOL = 3mA
-
50
-
50
Ω
Transfer gate on
resistance between SDA
and SCAH, or SCL and
SCLH
RonH
Both signals (SDA and
SDAH, or SCL and SCLH)
at VCC level
50
-
50
-
kΩ
SCLH current source
pull-up current
Ics
SCLH output levels
between 0.3VCC and 0.7VCC
2
6
2
6
mA
SCLH or SCL signal rise
time
τrCL
Output rise time (current
source enabled) with an
external pull-up current
source of 3mA
Capacitive load from 10pF
to 100pF
10
40
ns
Capacitive load of 400pF
20
80
ns
SCLH or SCL signal fall
time
τfCL
Output fall time (current
source enabled) with an
external pull-up current
source of 3mA
Capacitive load from 10pF
to 100pF
10
40
ns
Capacitive load of 400pF
20
80
20
250
ns
SDAH signal rise time
τrDA
Capacitive load from 10pF
to 100pF
10
80
-
-
ns
Capacitive load of 400pF
20
160
20
250
ns
SDAH signal fall time
τfDA
Capacitive load from 10pF
to 100pF
10
80
-
-
ns
Capacitive load of 400pF
20
160
20
250
ns
Spike pulse width
requiring input filter
suppression
τSP
0
10
0
50
ns
I/O pin input current
Ii
Input voltage between
0.1VCC and 0.9VCC
-
10
-10
+10
μA
I/O pin capacitance
Ci
-
10
-
10
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com