Electronic Components Datasheet Search
  English  ▼

X  

MP8845GC Datasheet(PDF) 21 Page - Monolithic Power Systems

Part # MP8845GC
Description  5A, Highly Efficient, Synchronous, Step-Down Switcher with I2C Interface
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8845GC Datasheet(HTML) 21 Page - Monolithic Power Systems

Back Button MP8845GC Datasheet HTML 15Page - Monolithic Power Systems MP8845GC Datasheet HTML 16Page - Monolithic Power Systems MP8845GC Datasheet HTML 17Page - Monolithic Power Systems MP8845GC Datasheet HTML 18Page - Monolithic Power Systems MP8845GC Datasheet HTML 19Page - Monolithic Power Systems MP8845GC Datasheet HTML 20Page - Monolithic Power Systems MP8845GC Datasheet HTML 21Page - Monolithic Power Systems MP8845GC Datasheet HTML 22Page - Monolithic Power Systems MP8845GC Datasheet HTML 23Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 21 / 23 page
background image
MP8845
– 5A, HIGHLY EFFICIENT, SYNC, STEP-DOWN SWITCHER WITH I2C
MP8845 Rev. 1.1
www.MonolithicPower.com
21
2/23/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
PCB Layout Guidelines
Efficient PCB layout of the switching power
supplies
and
the
high-switching
converter
especially is critical for stable operation. If the
layout is not done carefully, the regulator could
show poor line or load regulation and stability
issues. For best results, refer to Figure 3 and
follow the guidelines below.
1. Place the high-speed, step-down regulator
and the input capacitor as close to the IC
pins as possible.
Figure 3 shows a size 0805 ceramic
capacitor.
2. Connect the two ends of the ceramic
capacitor to VIN and GND directly.
A 0603 size decoupling ceramic capacitor is
strongly recommended.
PG
EN
SCL
VOUT
SDA
GND
AGND
GND
GND
GND
GND
GND
VIN
VIN
SW
SW
VIN
VIN
SW
SW
C1A
C2A
C2B
C1B
L1
GND
VIN
VO
SDA
EN
VOUT
SCL
PG
Figure 3: Recommend Layout
Design Example
Table 3 is a design example following the
application
guidelines
for
the
specifications
below.
Table 3: Design Example
VIN
5V
VOUT
0.9V
IOUT
5A
The detailed application schematic is shown in
Figure 4. The typical performance and circuit
waveforms
are
shown
in
the
Typical
Performance Characteristics section. For more
device applications, please refer to the related
evaluation board datasheet.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com