Electronic Components Datasheet Search
  English  ▼

X  

MP8845GC Datasheet(PDF) 6 Page - Monolithic Power Systems

Part # MP8845GC
Description  5A, Highly Efficient, Synchronous, Step-Down Switcher with I2C Interface
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8845GC Datasheet(HTML) 6 Page - Monolithic Power Systems

Back Button MP8845GC Datasheet HTML 2Page - Monolithic Power Systems MP8845GC Datasheet HTML 3Page - Monolithic Power Systems MP8845GC Datasheet HTML 4Page - Monolithic Power Systems MP8845GC Datasheet HTML 5Page - Monolithic Power Systems MP8845GC Datasheet HTML 6Page - Monolithic Power Systems MP8845GC Datasheet HTML 7Page - Monolithic Power Systems MP8845GC Datasheet HTML 8Page - Monolithic Power Systems MP8845GC Datasheet HTML 9Page - Monolithic Power Systems MP8845GC Datasheet HTML 10Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
MP8845
– 5A, HIGHLY EFFICIENT, SYNC, STEP-DOWN SWITCHER WITH I2C
MP8845 Rev. 1.1
www.MonolithicPower.com
6
2/23/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
I/O LEVEL CHARACTERISTICS
Parameter
Symbol
Condition
HS-Mode
LS-Mode
Units
Min
Max
Min
Max
Rise time of the SCLH
or SCL signal
trCL
Capacitive load from
10pF to 100pF
10
40
ns
Capacitive load of
400pF
20
80
ns
Fall time of the SCLH or
SCL signal
tfCL
Capacitive load from
10pF to 100pF
10
40
ns
Capacitive load of
400pF
20
80
20
250
ns
Rise time of the SDAH
signal
trDA
Capacitive load from
10pF to 100pF
10
80
-
-
ns
Capacitive load of
400pF
20
160
20
250
ns
Fall time of the SDAH
signal
tfDA
Capacitive load from
10pF to 100pF
10
80
-
-
ns
Capacitive load of
400pF
20
160
20
250
ns
Pulse width of spikes
that must be suppressed
by the input filter
tSP
0
10
0
50
ns
Capacitance for each
I/O pin
Ci
-
10
-
10
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com