Electronic Components Datasheet Search
  English  ▼

X  

MP8845GC Datasheet(PDF) 13 Page - Monolithic Power Systems

Part # MP8845GC
Description  5A, Highly Efficient, Synchronous, Step-Down Switcher with I2C Interface
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8845GC Datasheet(HTML) 13 Page - Monolithic Power Systems

Back Button MP8845GC Datasheet HTML 9Page - Monolithic Power Systems MP8845GC Datasheet HTML 10Page - Monolithic Power Systems MP8845GC Datasheet HTML 11Page - Monolithic Power Systems MP8845GC Datasheet HTML 12Page - Monolithic Power Systems MP8845GC Datasheet HTML 13Page - Monolithic Power Systems MP8845GC Datasheet HTML 14Page - Monolithic Power Systems MP8845GC Datasheet HTML 15Page - Monolithic Power Systems MP8845GC Datasheet HTML 16Page - Monolithic Power Systems MP8845GC Datasheet HTML 17Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
MP8845
– 5A, HIGHLY EFFICIENT, SYNC, STEP-DOWN SWITCHER WITH I2C
MP8845 Rev. 1.1
www.MonolithicPower.com
13
2/23/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
REGISTERS AND DESCRIPTIONS
Register Map
ADD
NAME
R/W
D7
D6
D5
D4
D3
D2
D1
D0
00
VSEL
R/W
Enable
Output reference
01
SysCntlreg1
R/W
Switching frequency
GLFILT
Reserved
PG LO
HI
VIN
OVP
MODE
02
SysCntlreg2
R/W
Reserved
GO
OUT DIS
Reserved
Slew rate
03
ID1
R
Vendor ID
Die ID
04
ID2
R
Reserved
Die rev
05
Status
R
ILIM
UVLO
OVP
VOOV
VOUV
PGOOD
OTW
ENSTAT
Default Value of Register
ADD
NAME
R/W
D7
D6
D5
D4
D3
D2
D1
D0
00
VSEL
R/W
1
1
0
0
1
1
0
1
01
SysCntlreg1
R/W
0
1
0
0
1
1
0
1
02
SysCntlreg2
R/W
0
0
0
0
0
0
0
0
03
ID1
R
0
0
0
1
0
0
0
1
04
ID2
R
0
0
0
0
0
0
0
0
05
Status
R
N/A
N/A
N/A
N/A
N/A
N/A
N/A
N/A
Register Description
1. Reg00 VSEL
NAME
BITS
DESCRIPTION
Enable
D7
I
2C controlled enable bit. When EN is low, the converter is off. When EN is high, the
Enable bit takes over.
Output
reference
D[6:0]
Set the output voltage from 0.6V to 1.1V (see Table 1).
Table 1: Output Voltage Chart
D[6:0]
VOUT
D[6:0]
VOUT
D[6:0]
VOUT
D[6:0]
VOUT
000 0000
0.6000
010 0000
0.7260
100 0000
0.8520
110 0000
0.9780
000 0001
0.6039
010 0001
0.7299
100 0001
0.8559
110 0001
0.9819
000 0010
0.6079
010 0010
0.7339
100 0010
0.8598
110 0010
0.9858
000 0011
0.6118
010 0011
0.7378
100 0011
0.8638
110 0011
0.9898
000 0100
0.6157
010 0100
0.7417
100 0100
0.8677
110 0100
0.9937
000 0101
0.6197
010 0101
0.7457
100 0101
0.8717
110 0101
0.9976
000 0110
0.6236
010 0110
0.7496
100 0110
0.8756
110 0110
1.0016
000 0111
0.6276
010 0111
0.7535
100 0111
0.8795
110 0111
1.0055
000 1000
0.6315
010 1000
0.7575
100 1000
0.8835
110 1000
1.0094
000 1001
0.6354
010 1001
0.7614
100 1001
0.8874
110 1001
1.0134
000 1010
0.6394
010 1010
0.7654
100 1010
0.8913
110 1010
1.0173
000 1011
0.6433
010 1011
0.7693
100 1011
0.8953
110 1011
1.0213
000 1100
0.6472
010 1100
0.7732
100 1100
0.8992
110 1100
1.0252
000 1101
0.6512
010 1101
0.7772
100 1101
0.9031
110 1101
1.0291
000 1110
0.6551
010 1110
0.7811
100 1110
0.9071
110 1110
1.0331
000 1111
0.6591
010 1111
0.7850
100 1111
0.9110
110 1111
1.0370
001 0000
0.6630
011 0000
0.7890
101 0000
0.9150
111 0000
1.0409
001 0001
0.6669
011 0001
0.7929
101 0001
0.9189
111 0001
1.0449
001 0010
0.6709
011 0010
0.7968
101 0010
0.9228
111 0010
1.0488
001 0011
0.6748
011 0011
0.8008
101 0011
0.9268
111 0011
1.0528
001 0100
0.6787
011 0100
0.8047
101 0100
0.9307
111 0100
1.0567
001 0101
0.6827
011 0101
0.8087
101 0101
0.9346
111 0101
1.0606



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com