Electronic Components Datasheet Search
  English  ▼

X  

MP8868GLE Datasheet(PDF) 16 Page - Monolithic Power Systems

Part # MP8868GLE
Description  High-Efficiency, 10A, 17V, Synchronous Step-Down Converter with I2C Interface
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8868GLE Datasheet(HTML) 16 Page - Monolithic Power Systems

Back Button MP8868GLE Datasheet HTML 12Page - Monolithic Power Systems MP8868GLE Datasheet HTML 13Page - Monolithic Power Systems MP8868GLE Datasheet HTML 14Page - Monolithic Power Systems MP8868GLE Datasheet HTML 15Page - Monolithic Power Systems MP8868GLE Datasheet HTML 16Page - Monolithic Power Systems MP8868GLE Datasheet HTML 17Page - Monolithic Power Systems MP8868GLE Datasheet HTML 18Page - Monolithic Power Systems MP8868GLE Datasheet HTML 19Page - Monolithic Power Systems MP8868GLE Datasheet HTML 20Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 27 page
background image
MP8868 – SYNCHRONOUS STEP-DOWN CONVERTER
MP8868 Rev.1.1
www.MonolithicPower.com
16
5/15/2015
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2015 MPS. All Rights Reserved.
when VFB
(9). drops below 70% of VREF after
100us delay.
The PG won’t response to output over voltage
condition.
The PG bit in the I2C register have the same
indication as the external PG pin.
Output over Voltage Protection (OVP)
MP8868 monitors both FB pin and VOUT pin to
detect over voltage event. When “V_BOOT”
bit=1, internal comparator monitors FB pin while
“V_BOOT” bit=0, it monitors VOUT pin. When
the feedback voltage becomes higher than
120% of the internal reference voltage, the
controller will enter linear discharge mode.
During this period, there is a 35Ω resistor
connected between VOUT pin and ground, this
will then discharge the output and try to keep it
within the normal range. Once output voltage
falls lower than 105% of reference, controller
exits linear discharge mode.
Over-Current-Protection and Hiccup
The MP8868 has a cycle-by-cycle over-current
limit. When the inductor current peak value
exceeds the set current limit threshold, the HS-
FET will turn off and the LS-FET will turn on
and remains on until the inductor current falls
below the internal “valley” current limit threshold.
The “valley” current limit circuit is employed to
decrease the operation frequency after the
“peak” current limit threshold is triggered.
Meanwhile, the output voltage drops until VFB
(9)
is below the Under-Voltage (UV) threshold—
typically 30% below the reference. Once UV is
triggered, the MP8868 enters hiccup mode to
periodically restart the part. This protection
mode is especially useful when the output is
dead-shorted to ground. The average short
circuit current is greatly reduced to alleviate
thermal issues and to protect the regulator. The
MP8868 exits the hiccup mode once the over-
current condition is removed.
Thermal Shutdown
Thermal shutdown prevents the chip from
operating at exceedingly high temperatures.
When the silicon die reaches temperatures that
exceed 160°C, it shuts down the whole chip.
When the temperature is less than its lower
threshold, typically 140°C, the chip is enabled
again.
Floating Driver and Bootstrap Charging
An external bootstrap capacitor powers the
floating power MOSFET driver. This floating
driver has its own UVLO protection. This
UVLO’s rising threshold is 2.2V with a
hysteresis of 150mV. The bootstrap capacitor
voltage is regulated internally by VIN through D1,
M1, C5, L1 and C2 (Figure ). If (VIN-VSW)
exceeds 5V, U1 will regulate M1 to maintain a
5V BST voltage across C5.
Figure 5: Internal Bootstrap Charging Circuit
Startup and Shutdown
If both VIN and EN exceed their respective
thresholds, the chip starts. The reference block
starts first, generating stable reference voltage
and currents, and then the internal regulator is
enabled. The regulator provides a stable supply
for the remaining circuitries.
Three events can shut down the chip: EN low,
VIN low, and thermal shutdown. In the shutdown
procedure, the signaling path is first blocked to
avoid any fault triggering. The COMP voltage
and the internal supply rail are then pulled down.
The floating driver is not subject to this
shutdown command.
I2C Control and Default Output Voltage
When the MP8868 is enabled which means
EN=high and VIN>UVLO, the chip starts up to
an output voltage which is set by FB feedback
resistors with programmed soft-start time. After
that, the I2C bus can communicate with master.
If the chip doesn’t receive I2C communication
signal all the time, it works well through FB pin
feedback and performs the similar behavior as
traditional non-I2C part.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com