Electronic Components Datasheet Search
  English  ▼

X  

MP8868GLE Datasheet(PDF) 18 Page - Monolithic Power Systems

Part # MP8868GLE
Description  High-Efficiency, 10A, 17V, Synchronous Step-Down Converter with I2C Interface
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8868GLE Datasheet(HTML) 18 Page - Monolithic Power Systems

Back Button MP8868GLE Datasheet HTML 14Page - Monolithic Power Systems MP8868GLE Datasheet HTML 15Page - Monolithic Power Systems MP8868GLE Datasheet HTML 16Page - Monolithic Power Systems MP8868GLE Datasheet HTML 17Page - Monolithic Power Systems MP8868GLE Datasheet HTML 18Page - Monolithic Power Systems MP8868GLE Datasheet HTML 19Page - Monolithic Power Systems MP8868GLE Datasheet HTML 20Page - Monolithic Power Systems MP8868GLE Datasheet HTML 21Page - Monolithic Power Systems MP8868GLE Datasheet HTML 22Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 27 page
background image
MP8868 – SYNCHRONOUS STEP-DOWN CONVERTER
MP8868 Rev.1.1
www.MonolithicPower.com
18
5/15/2015
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2015 MPS. All Rights Reserved.
I2C INTERFACE
I2C Serial Interface Description
I2C is a 2-wire, bidirectional serial interface,
consisting of a data line (SDA) and a clock line
(SCL). The lines are externally pulled to a bus
voltage when they are “idle”. Connecting to the
line, a master device generates the SCL signal
and
device
address
and
arranges
the
communication sequence. MP8868 interface is
an I2C slave. The I2C interface adds flexibility to
the power supply solution. The output voltage,
transition
slew
rate
or
other
interesting
parameters can be instantaneously controlled
by I2C interface. The default I2C address of
MP8868 is “62” (HEX) or “1100010” (BINARY)
and is “6A” (HEX) or “1101010” if pull A0 pin to
ground.
Data validity
One clock pulse is generated for each data bit
transferred. The data on the SDA line must be
stable during the HIGH period of the clock. The
HIGH or LOW state of the data line can only
change when the clock signal on the SCL line is
LOW (see Figure.6).
data line
stable;
data valid
change
of data
allowed
SDA
SCL
Figure 6: Bit transfer on the I
2C-bus
The START and STOP are signaled by the
master device which signifies the beginning and
the end of the I2C transfer. The START
condition is defined as the SDA signal
transitioning from HIGH to LOW while the SCL
is HIGH. The STOP condition is defined as the
SDA signal transitioning from LOW to HIGH
while the SCL is HIGH as shown in Figure 7.
SDA
SCL
P
STOP condition
SDA
SCL
S
START condition
Figure 7: START and STOP Conditions
START and STOP conditions are always
generated by the master. The bus is considered
to be busy after the START condition. The bus
is considered to be free again after a minimum
of 4.7uS after the STOP condition. The bus
stays busy if a repeated START (Sr) is
generated instead of a STOP condition. The
START
(S)
and
repeated
START
(Sr)
conditions are functionally identical.
Transfer Data
Every byte put on the SDA line must be 8-bits
long. Each byte has to be followed by an
acknowledge bit. The acknowledge-related
clock pulse is generated by the master. The
transmitter releases the SDA line (HIGH) during
the acknowledge clock pulse. The receiver
must pull down the SDA line during the
acknowledge clock pulse so that it remains
stable LOW during the HIGH period of this
clock pulse.
Data transfers follow the format shown in Figure
8. After the START condition (S), a slave
address is sent. This address is 7 bits long
followed by an eighth bit which is a data
direction bit (R/W) - a ‘zero’ indicates a
transmission (WRITE), a ‘one’ indicates a
request for data (READ). A data transfer is
always terminated by a STOP condition (P)
generated by the master. However, if a master
still wishes to communicate on the bus, it can
generate a repeated START condition (Sr) and
address another slave without first generating a
STOP condition.
S
1 7
8
9
1 7
8
9
1 7
8
9
P
STOP
condition
START
condition
DATA
ACK
DATA
ACK
ADDRESS
ACK
R/W
SDA
SCL
Figure 8: A complete data transfer
The MP8868 requires a start condition, a valid
I2C address, a register address byte, and a data
byte for a single data update. After receipt of
each byte, MP8868 acknowledges by pulling
the SDA line low during the high period of a
single clock pulse. A valid I2C address selects
the MP8868. MP8868 performs an update on
the falling edge of the LSB byte.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com