Electronic Components Datasheet Search
  English  ▼

X  

MP8868GLE Datasheet(PDF) 24 Page - Monolithic Power Systems

Part # MP8868GLE
Description  High-Efficiency, 10A, 17V, Synchronous Step-Down Converter with I2C Interface
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8868GLE Datasheet(HTML) 24 Page - Monolithic Power Systems

Back Button MP8868GLE Datasheet HTML 19Page - Monolithic Power Systems MP8868GLE Datasheet HTML 20Page - Monolithic Power Systems MP8868GLE Datasheet HTML 21Page - Monolithic Power Systems MP8868GLE Datasheet HTML 22Page - Monolithic Power Systems MP8868GLE Datasheet HTML 23Page - Monolithic Power Systems MP8868GLE Datasheet HTML 24Page - Monolithic Power Systems MP8868GLE Datasheet HTML 25Page - Monolithic Power Systems MP8868GLE Datasheet HTML 26Page - Monolithic Power Systems MP8868GLE Datasheet HTML 27Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 24 / 27 page
background image
MP8868 – SYNCHRONOUS STEP-DOWN CONVERTER
MP8868 Rev.1.1
www.MonolithicPower.com
24
5/15/2015
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2015 MPS. All Rights Reserved.
Design Example
Below is a design example following the
application guidelines for the specifications:
Table 3 Design Example
VIN
12V
VOUT
1V
IO
10A
The detailed application schematics are shown
in Figure 13. The typical performance and
circuit waveforms have been shown in the
Typical Performance Characteristics section.
For more device applications, please refer to
the related Evaluation Board Datasheets.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com