Electronic Components Datasheet Search
  English  ▼

X  

MP8869SGL Datasheet(PDF) 18 Page - Monolithic Power Systems

Part # MP8869SGL
Description  18V, 12A, High-Efficiency, Wide-Input, Synchronous, Step-Down Converter with Integrated Telemetry via I2C Interface
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8869SGL Datasheet(HTML) 18 Page - Monolithic Power Systems

Back Button MP8869SGL Datasheet HTML 14Page - Monolithic Power Systems MP8869SGL Datasheet HTML 15Page - Monolithic Power Systems MP8869SGL Datasheet HTML 16Page - Monolithic Power Systems MP8869SGL Datasheet HTML 17Page - Monolithic Power Systems MP8869SGL Datasheet HTML 18Page - Monolithic Power Systems MP8869SGL Datasheet HTML 19Page - Monolithic Power Systems MP8869SGL Datasheet HTML 20Page - Monolithic Power Systems MP8869SGL Datasheet HTML 21Page - Monolithic Power Systems MP8869SGL Datasheet HTML 22Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 39 page
background image
MP8869S
– 18V, 12A, SYNCHRONOUS, STEP-DOWN CONVERTER
MP8869S Rev. 1.03
www.MonolithicPower.com
18
1/18/2018
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2018 MPS. All Rights Reserved.
OPERATION
Pulse-Width Modulation (PWM) Operation
The
MP8869S
is
a
fully
integrated,
synchronous, rectified, step-down, switch-mode
converter. The MP8869S uses constant-on-time
(COT) control to provide fast transient response
and ease loop stabilization. Figure 3 shows the
simplified ramp compensation block.
At the beginning of each cycle, the high-side
MOSFET (HS-FET) turns on whenever the
ramp voltage (VRamp) is below the error amplifier
output
voltage (VEAO),
which
indicates
an
insufficient output voltage. The on period is
determined by both the output voltage and input
voltage to make the switching frequency fairly
constant over the input voltage range.
After the on period elapses, the HS-FET enters
the off state. By cycling the HS-FET between
the on and off states, the converter regulates
the output voltage. The integrated low-side
MOSFET (LS-FET) turns on when the HS-FET
is in its off state to minimize conduction loss.
Shoot-through occurs when both the HS-FET
and LS-FET are on at the same time, causing a
dead short between input and GND, reducing
efficiency dramatically. The MP8869S prevents
shoot-through by generating a dead-time (DT)
internally between the HS-FET off and LS-FET
on period and the LS-FET off and HS-FET on
period. The MP8869S enters either heavy-load
operation or light-load operation depending on
the amplitude of the output current.
VOUT
L
Cout
RESR
R1
R2
On Timer
Logic
Control
REF
SW
RAMP
FB/VOUT
HS
driver
LS
driver
VIN
Figure 3: Simplified Compensation Block
Switching Frequency
The MP8869S uses constant-on-time (COT)
control, and there is no dedicated oscillator in
the IC. The input voltage is fed into the one-
shot on-timer through the internal frequency
resistor. The duty ratio is VOUT/VIN, and the
switching frequency is fairly constant over the
input voltage range.
The MP8869S
’s switching frequency can be
adjusted by setting the two bits D[5:4] in
register 02 through I2C communication. When
the output voltage setting is low and the input
voltage is high, the switching on-time may be
limited by the internal minimum on-time limit,
and switching frequency decreases. Table 1
shows the maximum switching frequency vs.
the output voltage when VIN = 12V and VIN =
5V.
Table 1: Maximum Frequency Selecting vs.
Output Voltage
Maximum Frequency Selecting
Vo (V)
VIN = 12V
VIN = 5V
5
1.25MHz
/
3.3
1.25MHz
1.25MHz
2.5
1.25MHz
1.25MHz
1.8
1.25MHz
1.25MHz
1.5
1.25MHz
1.25MHz
1.2
1MHz
1.25MHz
1
750kHz
1.25MHz
0.9
750kHz
1.25MHz
0.6
500kHz
1.25MHz
Forced PWM Operation
When the MP8869S works in forced pulse-
width modulation (PWM) mode, the MP8869S
enters continuous conduction mode (CCM),
where the HS-FET and LS-FET repeat the
on/off operation, even if the inductor current is
zero
or
a negative value.
The switching
frequency (fSW) is fairly constant (see Figure 4).
Figure 4: Forced PWM Operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com