Electronic Components Datasheet Search
  English  ▼

X  

MP8869SGL Datasheet(PDF) 29 Page - Monolithic Power Systems

Part # MP8869SGL
Description  18V, 12A, High-Efficiency, Wide-Input, Synchronous, Step-Down Converter with Integrated Telemetry via I2C Interface
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8869SGL Datasheet(HTML) 29 Page - Monolithic Power Systems

Back Button MP8869SGL Datasheet HTML 25Page - Monolithic Power Systems MP8869SGL Datasheet HTML 26Page - Monolithic Power Systems MP8869SGL Datasheet HTML 27Page - Monolithic Power Systems MP8869SGL Datasheet HTML 28Page - Monolithic Power Systems MP8869SGL Datasheet HTML 29Page - Monolithic Power Systems MP8869SGL Datasheet HTML 30Page - Monolithic Power Systems MP8869SGL Datasheet HTML 31Page - Monolithic Power Systems MP8869SGL Datasheet HTML 32Page - Monolithic Power Systems MP8869SGL Datasheet HTML 33Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 39 page
background image
MP8869S
– 18V, 12A, SYNCHRONOUS STEP-DOWN CONVERTER
MP8869S Rev. 1.03
www.MonolithicPower.com
29
1/18/2018
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2018 MPS. All Rights Reserved.
4) Reg03 Output Current
Register 03 is an output current-indicating
register. After the MP8869S starts up, the DC
output current information can be read through
the I2C communication.
When the inductor current is in discontinuous
conduction mode (DCM), the output current
sense is not very accurate. The Mode bit can
be set to 1 (PWM mode) for good current
sensing accuracy at light load.
When the inductor current enters CCM, the
output current sense accuracy is excellent
(typical accuracy is 5% when the output current
is higher than 2A).
Table 4 shows the output current chart from 0A
to 12.75A.
NAME
BITS
DEFAULT
DESCRIPTION
Output
Current
D[7:0]
0000 0000
Output current monitor bits. Table 4 shows the output current monitor chart.
Table 4: Output Current Chart
D[7:0]
IOUT(A)
D[7:0]
IOUT(A)
D[7:0]
IOUT(A)
D[7:0]
IOUT(A)
D[7:0]
IOUT(A)
D[7:0]
IOUT(A)
0000 0000
0
0010 1011
2.15
0101 0110
4.3
1000 0001
6.45
1010 1100
8.6
1101 0111
10.75
0000 0001
0.05
0010 1100
2.2
0101 0111
4.35
1000 0010
6.5
1010 1101
8.65
1101 1000
10.8
0000 0010
0.1
0010 1101
2.25
0101 1000
4.4
1000 0011
6.55
1010 1110
8.7
1101 1001
10.85
0000 0011
0.15
0010 1110
2.3
0101 1001
4.45
1000 0100
6.6
1010 1111
8.75
1101 1010
10.9
0000 0100
0.2
0010 1111
2.35
0101 1010
4.5
1000 0101
6.65
1011 0000
8.8
1101 1011
10.95
0000 0101
0.25
0011 0000
2.4
0101 1011
4.55
1000 0110
6.7
1011 0001
8.85
1101 1100
11
0000 0110
0.3
0011 0001
2.45
0101 1100
4.6
1000 0111
6.75
1011 0010
8.9
1101 1101
11.05
0000 0111
0.35
0011 0010
2.5
0101 1101
4.65
1000 1000
6.8
1011 0011
8.95
1101 1110
11.1
0000 1000
0.4
0011 0011
2.55
0101 1110
4.7
1000 1001
6.85
1011 0100
9
1101 1111
11.15
0000 1001
0.45
0011 0100
2.6
0101 1111
4.75
1000 1010
6.9
1011 0101
9.05
1110 0000
11.2
0000 1010
0.5
0011 0101
2.65
0110 0000
4.8
1000 1011
6.95
1011 0110
9.1
1110 0001
11.25
0000 1011
0.55
0011 0110
2.7
0110 0001
4.85
1000 1100
7
1011 0111
9.15
1110 0010
11.3
0000 1100
0.6
0011 0111
2.75
0110 0010
4.9
1000 1101
7.05
1011 1000
9.2
1110 0011
11.35
0000 1101
0.65
0011 1000
2.8
0110 0011
4.95
1000 1110
7.1
1011 1001
9.25
1110 0100
11.4
0000 1110
0.7
0011 1001
2.85
0110 0100
5
1000 1111
7.15
1011 1010
9.3
1110 0101
11.45
0000 1111
0.75
0011 1010
2.9
0110 0101
5.05
1001 0000
7.2
1011 1011
9.35
1110 0110
11.5
0001 0000
0.8
0011 1011
2.95
0110 0110
5.1
1001 0001
7.25
1011 1100
9.4
1110 0111
11.55
0001 0001
0.85
0011 1100
3
0110 0111
5.15
1001 0010
7.3
1011 1101
9.45
1110 1000
11.6
0001 0010
0.9
0011 1101
3.05
0110 1000
5.2
1001 0011
7.35
1011 1110
9.5
1110 1001
11.65
0001 0011
0.95
0011 1110
3.1
0110 1001
5.25
1001 0100
7.4
1011 1111
9.55
1110 1010
11.7
0001 0100
1
0011 1111
3.15
0110 1010
5.3
1001 0101
7.45
1100 0000
9.6
1110 1011
11.75
0001 0101
1.05
0100 0000
3.2
0110 1011
5.35
1001 0110
7.5
1100 0001
9.65
1110 1100
11.8
0001 0110
1.1
0100 0001
3.25
0110 1100
5.4
1001 0111
7.55
1100 0010
9.7
1110 1101
11.85
0001 0111
1.15
0100 0010
3.3
0110 1101
5.45
1001 1000
7.6
1100 0011
9.75
1110 1110
11.9
0001 1000
1.2
0100 0011
3.35
0110 1110
5.5
1001 1001
7.65
1100 0100
9.8
1110 1111
11.95
0001 1001
1.25
0100 0100
3.4
0110 1111
5.55
1001 1010
7.7
1100 0101
9.85
1111 0000
12
0001 1010
1.3
0100 0101
3.45
0111 0000
5.6
1001 1011
7.75
1100 0110
9.9
1111 0001
12.05
0001 1011
1.35
0100 0110
3.5
0111 0001
5.65
1001 1100
7.8
1100 0111
9.95
1111 0010
12.1
0001 1100
1.4
0100 0111
3.55
0111 0010
5.7
1001 1101
7.85
1100 1000
10
1111 0011
12.15
0001 1101
1.45
0100 1000
3.6
0111 0011
5.75
1001 1110
7.9
1100 1001
10.05
1111 0100
12.2
0001 1110
1.5
0100 1001
3.65
0111 0100
5.8
1001 1111
7.95
1100 1010
10.1
1111 0101
12.25
0001 1111
1.55
0100 1010
3.7
0111 0101
5.85
1010 0000
8
1100 1011
10.15
1111 0110
12.3
0010 0000
1.6
0100 1011
3.75
0111 0110
5.9
1010 0001
8.05
1100 1100
10.2
1111 0111
12.35
0010 0001
1.65
0100 1100
3.8
0111 0111
5.95
1010 0010
8.1
1100 1101
10.25
1111 1000
12.4
0010 0010
1.7
0100 1101
3.85
0111 1000
6
1010 0011
8.15
1100 1110
10.3
1111 1001
12.45
0010 0011
1.75
0100 1110
3.9
0111 1001
6.05
1010 0100
8.2
1100 1111
10.35
1111 1010
12.5
0010 0100
1.8
0100 1111
3.95
0111 1010
6.1
1010 0101
8.25
1101 0000
10.4
1111 1011
12.55
0010 0101
1.85
0101 0000
4
0111 1011
6.15
1010 0110
8.3
1101 0001
10.45
1111 1100
12.6
0010 0110
1.9
0101 0001
4.05
0111 1100
6.2
1010 0111
8.35
1101 0010
10.5
1111 1101
12.65
0010 0111
1.95
0101 0010
4.1
0111 1101
6.25
1010 1000
8.4
1101 0011
10.55
1111 1110
12.7
0010 1000
2
0101 0011
4.15
0111 1110
6.3
1010 1001
8.45
1101 0100
10.6
1111 1111
12.75
0010 1001
2.05
0101 0100
4.2
0111 1111
6.35
1010 1010
8.5
1101 0101
10.65
0010 1010
2.1
0101 0101
4.25
1000 0000
6.4
1010 1011
8.55
1101 0110
10.7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com