Electronic Components Datasheet Search
  English  ▼

X  

BLB01 Datasheet(PDF) 7 Page - BeRex Corporation

Part # BLB01
Description  0.5 ??1.5 GHz High Linearity LNA
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEREX [BeRex Corporation]
Direct Link  http://www.berex.com
Logo BEREX - BeRex Corporation

BLB01 Datasheet(HTML) 7 Page - BeRex Corporation

Back Button BLB01 Datasheet HTML 3Page - BeRex Corporation BLB01 Datasheet HTML 4Page - BeRex Corporation BLB01 Datasheet HTML 5Page - BeRex Corporation BLB01 Datasheet HTML 6Page - BeRex Corporation BLB01 Datasheet HTML 7Page - BeRex Corporation BLB01 Datasheet HTML 8Page - BeRex Corporation BLB01 Datasheet HTML 9Page - BeRex Corporation BLB01 Datasheet HTML 10Page - BeRex Corporation BLB01 Datasheet HTML 11Page - BeRex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
0.5 – 1.5 GHz High Linearity LNA
BLB01
7
Rev. B
BeRex
●website: www.berex.com
●email: sales@berex.com
Specifications and information are subject to change and products may be discontinued without notice. BeRex is a trademark of BeRex.
All other trademarks are the property of their respective owners. © 2018 BeRex
Device Performance
Vd = 5.0V, Id = 66mA
Noise Figure Temperature Performance
(Vds = 5.0V, Ids = 66mA)
Freq
MHz
500
700
800
1500
900
Temp
[°C]
-40
0.60
0.39
0.37
0.60
0.38
+25
0.65
0.40
0.38
0.62
0.40
+105
0.75
0.55
0.45
0.68
0.45
* N.F
: Losses on input and output transmission lines on PCB are not de-embedded .



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com