Electronic Components Datasheet Search
  English  ▼

X  

BLB01 Datasheet(PDF) 4 Page - BeRex Corporation

Part # BLB01
Description  0.5 ??1.5 GHz High Linearity LNA
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEREX [BeRex Corporation]
Direct Link  http://www.berex.com
Logo BEREX - BeRex Corporation

BLB01 Datasheet(HTML) 4 Page - BeRex Corporation

  BLB01 Datasheet HTML 1Page - BeRex Corporation BLB01 Datasheet HTML 2Page - BeRex Corporation BLB01 Datasheet HTML 3Page - BeRex Corporation BLB01 Datasheet HTML 4Page - BeRex Corporation BLB01 Datasheet HTML 5Page - BeRex Corporation BLB01 Datasheet HTML 6Page - BeRex Corporation BLB01 Datasheet HTML 7Page - BeRex Corporation BLB01 Datasheet HTML 8Page - BeRex Corporation BLB01 Datasheet HTML 9Page - BeRex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
0.5 – 1.5 GHz High Linearity LNA
BLB01
4
Rev. B
BeRex
●website: www.berex.com
●email: sales@berex.com
Specifications and information are subject to change and products may be discontinued without notice. BeRex is a trademark of BeRex.
All other trademarks are the property of their respective owners. © 2018 BeRex
S-Parameter
(Vd=5.0V,Id = 66mA, T = 25 °C, calibrated to device leads)
Freq
[MHz]
S11
Mag
S11
Ang
S21
Mag
S21
Ang
S12
Mag
S12
Ang
S22
Mag
S22
Ang
500
0.23
-124.89
18.00
134.12
0.04
63.62
0.20
-119.48
600
0.29
-140.90
15.43
123.05
0.04
53.44
0.15
-142.56
700
0.30
-151.49
13.67
115.15
0.04
49.45
0.10
-161.73
800
0.31
-157.31
12.36
108.84
0.04
45.30
0.07
-177.33
900
0.30
-163.08
11.33
103.54
0.04
43.09
0.04
164.79
1000
0.29
-166.98
10.52
98.37
0.04
37.82
0.01
113.63
1100
0.28
-170.27
9.82
93.46
0.05
37.16
0.03
4.31
1200
0.27
-172.29
9.17
88.78
0.05
31.40
0.06
-13.23
1300
0.26
-173.09
8.66
84.16
0.05
31.93
0.09
-19.81
1400
0.24
-174.55
8.18
79.84
0.05
28.25
0.12
-25.54
1500
0.23
-174.85
7.78
75.66
0.05
26.86
0.15
-29.69
(Vd=3.0V,Id = 27mA, T = 25 °C, calibrated to device leads)
Freq
[MHz]
S11
Mag
S11
Ang
S21
Mag
S21
Ang
S12
Mag
S12
Ang
S22
Mag
S22
Ang
500
0.26
-75.46
15.48
141.37
0.04
55.53
0.26
-88.42
600
0.31
-107.06
13.30
127.53
0.05
45.23
0.17
-102.44
700
0.34
-122.34
11.75
118.21
0.04
38.40
0.11
-104.33
800
0.35
-131.66
10.55
110.48
0.04
35.85
0.08
-95.78
900
0.35
-138.83
9.63
104.26
0.04
31.10
0.07
-76.19
1000
0.35
-143.86
8.88
98.67
0.05
28.25
0.08
-58.96
1100
0.35
-148.58
8.25
93.39
0.05
25.15
0.11
-50.97
1200
0.35
-151.32
7.70
88.38
0.05
24.09
0.13
-47.09
1300
0.35
-153.89
7.23
83.57
0.05
22.66
0.16
-47.34
1400
0.34
-156.28
6.81
78.98
0.05
22.68
0.19
-48.71
1500
0.34
-158.25
6.44
74.59
0.05
19.77
0.21
-49.29



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com