Electronic Components Datasheet Search
  English  ▼

X  

BLB01 Datasheet(PDF) 1 Page - BeRex Corporation

Part # BLB01
Description  0.5 ??1.5 GHz High Linearity LNA
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEREX [BeRex Corporation]
Direct Link  http://www.berex.com
Logo BEREX - BeRex Corporation

BLB01 Datasheet(HTML) 1 Page - BeRex Corporation

  BLB01 Datasheet HTML 1Page - BeRex Corporation BLB01 Datasheet HTML 2Page - BeRex Corporation BLB01 Datasheet HTML 3Page - BeRex Corporation BLB01 Datasheet HTML 4Page - BeRex Corporation BLB01 Datasheet HTML 5Page - BeRex Corporation BLB01 Datasheet HTML 6Page - BeRex Corporation BLB01 Datasheet HTML 7Page - BeRex Corporation BLB01 Datasheet HTML 8Page - BeRex Corporation BLB01 Datasheet HTML 9Page - BeRex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
0.5 – 1.5 GHz High Linearity LNA
BLB01
1
Rev. B
BeRex
●website: www.berex.com
●email: sales@berex.com
Specifications and information are subject to change and products may be discontinued without notice. BeRex is a trademark of BeRex.
All other trademarks are the property of their respective owners. © 2018 BeRex
• Internally matched to 50 ohms
• Operated at 3.0V and 5.0V
• 37.5 dBm Output IP3 at 0dBm/tone at 700MHz
• 22.5dB Gain at 700MHz
• 21.1dBm P1dB at 700 MHz
• 0.40 dB NF at 700MHz on evaluation board
• Lead-free/Green/RoHS Compliant DFN8 2x2 Package
BeRex’s BLB01 is a high linearity LNA, based on
GaAs material with E-pHEMT process and pack-
aged in a RoHS-compliant DFN 8L 2x2mm
2 Surface
mount package. It is designed for use where low
noise and high linearity are required and features
low noise and high OIP3 at Frequency range of
0.5~1.5GHz. It is internally matched to 50 Ohms
without external matching components, with fast
enable switching speed for TD-LTE application. All
devices are 100% RF/DC tested and classified as
HBM ESD Class 1C.
Product Description
Device Features
• Base station Infrastructure/RFID
• Commercial/Industrial/Military wireless system
• TDD or FDD LTE systems
Applications
Applications Circuit
Typical Performance
1
1 Device performance _ measured on BeRex’s evaluation board at 25°C, 50 Ω system.
2 OIP3 _measured with two tones at an output power of 0 dBm/tone separated by 1 MHz.
BOM
Value
Size
Vendor
C1,C4
100pF
0603
Samsung
C2,C3
12pF
0603
Samsung
R1
6.8Kohm
0603
Samsung
R2
0 ohm
0603
Samsung
L1
27nH
0603
Taiyo Yuden
L2
82nH
0603
Taiyo Yuden
Min.
Typical
Max.
Unit
Bandwidth
500
1500
MHz
Id @ (Vd = 5.0V)
56
66
76
mA
Id @ (Vd = 3.0V)
23
27
31
dG/dT
-0.008
dB/°C
RTH
24.76
°C/W
Switching Time(Ton)
140
ns
Switching Time(Toff )
140
ns
Parameter
Frequency
Unit
Vd = 5V
500
700
800
900
MHz
1500
Gain
24.5
22.5
21.7
21
dB
17.5
S11
-15.5
-12.3
-12.0
-11.7
dB
-11.5
S22
-8.7
-15.4
-19.3
-22.5
dB
-15.8
OIP3
2
38.0
37.5
35.5
35.5
dBm
32.5
P1dB
21.2
21.1
21.2
20.9
dBm
19.3
Noise Figure
0.65
0.40
0.38
0.40
dB
0.62
Parameter
Frequency
Unit
Vd = 3V
500
700
800
900
MHz
1500
Gain
23.3
21.4
20.5
19.7
dB
16.1
S11
-18.3
-12.1
-11.0
-10.4
dB
-9.3
S22
-7.4
-12.9
-15.0
-16.5
dB
-13.7
OIP3
2
31.0
30.5
29.5
28.5
dBm
27.0
P1dB
16.2
16.9
17.1
17.2
dBm
17.5
Noise Figure
0.62
0.39
0.37
0.38
dB
0.60
C1
C2
RF In
RF Out
Vd
L2
L1
R2
R1
C3
C4
8
7
6
3
4
5
2
1
* Refer to page 13 for Enable application.


Similar Part No. - BLB01

ManufacturerPart #DatasheetDescription
logo
BeRex Corporation
BLB01 BEREX-BLB01 Datasheet
1Mb / 17P
500 – 1500 MHz High Linearity LNA
Rev. 6.6
More results

Similar Description - BLB01

ManufacturerPart #DatasheetDescription
logo
Excelics Semiconductor,...
EMA109 EXCELICS-EMA109 Datasheet
106Kb / 3P
0.5 - 3.0 GHz High Linearity Power MMIC
EMA110-130F EXCELICS-EMA110-130F Datasheet
90Kb / 1P
0.5 - 3.0 GHz High Linearity Power MMIC
EMA110 EXCELICS-EMA110 Datasheet
97Kb / 1P
0.5 - 3.0 GHz High Linearity Power MMIC
EMA112-CP083 EXCELICS-EMA112-CP083 Datasheet
90Kb / 2P
0.5 - 3.0 GHz High Linearity Power MMIC
logo
BeRex Corporation
BNT01 BEREX-BNT01 Datasheet
1Mb / 17P
1.5 -3.0 GHz Wideband High Linearity LNA Gain Block
logo
Advanced Semiconductor ...
ASL19C ASB-ASL19C_17 Datasheet
882Kb / 10P
High Linearity LNA MMIC
April 2017
ASL41S9 ASB-ASL41S9_17 Datasheet
510Kb / 11P
High Linearity LNA MMIC
January 2017
logo
BeRex Corporation
BLB02 BEREX-BLB02_18 Datasheet
991Kb / 15P
1.5 ??2.7 GHz High Linearity LNA
BNT01 BEREX-BNT01_18 Datasheet
983Kb / 17P
1.5 -3.0 GHz Wideband High Linearity LNA Gain Block
logo
Qorvo, Inc
QPL6216Q QORVO-QPL6216Q Datasheet
542Kb / 7P
High-Linearity SDARS LNA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com