Electronic Components Datasheet Search
  English  ▼

X  

BMT321 Datasheet(PDF) 1 Page - BeRex Corporation

Part # BMT321
Description  0.7-2.8 GHz 1.5W High Linearity 5V 2-Stage Power Amplifier
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEREX [BeRex Corporation]
Direct Link  http://www.berex.com
Logo BEREX - BeRex Corporation

BMT321 Datasheet(HTML) 1 Page - BeRex Corporation

  BMT321 Datasheet HTML 1Page - BeRex Corporation BMT321 Datasheet HTML 2Page - BeRex Corporation BMT321 Datasheet HTML 3Page - BeRex Corporation BMT321 Datasheet HTML 4Page - BeRex Corporation BMT321 Datasheet HTML 5Page - BeRex Corporation BMT321 Datasheet HTML 6Page - BeRex Corporation BMT321 Datasheet HTML 7Page - BeRex Corporation BMT321 Datasheet HTML 8Page - BeRex Corporation BMT321 Datasheet HTML 9Page - BeRex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
0.7-2.8 GHz 1.5W High Linearity 5V 2-Stage Power Amplifier
BMT321
1
Rev. C
BeRex
●website: www.berex.com
●email: sales@berex.com
Specifications and information are subject to change and products may be discontinued without notice. BeRex is a trademark of BeRex.
All other trademarks are the property of their respective owners. © 2018 BeRex
• +5V/355mA at operating bias condition
• Gain = 27.0 dB @ 1.9 GHz
• P1dB = 32.5 dBm @ 1.9GHz
• LTE 20M ACLR = 22dBm Output Power at -50dBc @ 1.9GHz
• Intergrated interstage matching
• Lead-free/Green/RoHS-compliant QFN3x3 SMT package
The BMT321 is a high dynamic range two-
stage power amplifier, housed in a lead-
free/green/RoHS compliant 3x3mm QFN
package. The BMT321 uses a high reliabil-
ity
InGaP/GaAs HBT process technology.
The BMT321 is designed for use where high
linearity and gain are required. The BMT321
is able to deliver over 22 dBm output power
from 0.7 to 2.8GHz while maintaining supe-
rior ACLR performance with a few external
matching components. All devices are 100%
RF/DC screened.
Product Description
Device Features
1 Device performance _ measured on a BeRex evaluation board at 25°C, 50 Ω
2 OIP3 _ measured on two tones with a output power 17dBm/ tone , F2—F1 = 1 MHz..
Typical Performance
1
Parameter
Frequency
Unit
0.9
1.8
1.9
2.65
GHz
2.14
Gain
29.8
27.4
27.0
22.3
dB
25.3
S11
-20.0
-18.0
-18.0
-20.0
dB
-20.0
S22
-6.0
-8.0
-10.0
-6.5
dB
-12.0
OIP3
2
50.0
50.0
50.0
50.0
dBm
50.0
P1dB
30.2
32.4
32.5
31.4
dBm
32.4
LTE 20M ACLR
20.0
22.3
22.0
22.0
22.2
dBm
LTE 10M ACLR
21.0
23.5
23.1
22.9
dBm
22.8
WCDMA ACLR
21.1
23.5
23.2
23.0
dBm
23.1
Noise Figure
11.5
5.3
5.0
5.0
dB
5.2
Min.
Typical
Max.
Unit
Bandwidth
0.7
2.8
GHz
Ibias
26
mA
Icq @ (Icq1 + Icq2)
355
mA
VCC/Vbias
5.0
V
RTH
12.9
°C/W
Application Circuits
*ACLR Channel Power measured at -50dBc.
- LTE set-up: 3GPP LTE, FDD E-TM3.1, 10MHz BW, ±5MHz offset, PAR 9.75 @0.01% Prob.
- WCDMA set-up: 3GPP WCDMA, TM1+64DPCH, +5MHz offset, PAR 9.78 at 0.01% Prob.
• Base station /Repeaters Infrastructure/Small Cell
• Commercial/Industrial/Military wireless system
• LTE / WCDMA /CDMA Wireless Infrastructure
Applications
Absolute Maximum Ratings
Parameter
Unit
Rating
Operating Case Temperature
°C
-40 to +85
Storage Temperature
°C
-55 to +155
Junction Temperature
°C
+200
Operating Voltage
V
+6.0
Supply Current
A
1.5
Input RF Power
dBm
26
*Operation of this device above any of these parameters may result in permanent damage.
- LTE set-up: 3GPP LTE, FDD E-TM3.1, 20MHz BW, ±5MHz offset, PAR 9.75 @0.01% Prob.
*OIP3_tuned for max OIP3


Similar Part No. - BMT321

ManufacturerPart #DatasheetDescription
logo
BeRex Corporation
BMT321 BEREX-BMT321 Datasheet
2Mb / 23P
0.7-2.8 GHz 1.5W High Linearity 5V 2-Stage Power Amplifier
BMT321 BEREX-BMT321_16 Datasheet
2Mb / 23P
0.7-2.8 GHz 1.5W High Linearity 5V 2-Stage Power Amplifier
More results

Similar Description - BMT321

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
AH323-G TRIQUINT-AH323-G_15 Datasheet
1Mb / 17P
2W High Linearity 5V 2-Stage Amplifier
logo
BeRex Corporation
BMT333 BEREX-BMT333 Datasheet
1Mb / 20P
1.8-2.7 GHz 2W High Linearity 5V 2-Stage Power Amplifier
BMT332 BEREX-BMT332 Datasheet
2Mb / 25P
700-2400 MHz 2W High Linearity 5V 2-Stage Power Amplifier
BT33L BEREX-BT33L Datasheet
2Mb / 19P
100-1000MHz 1.5W ~ 2.0W High Linearity 5V Power Amplifier
BMT321 BEREX-BMT321_16 Datasheet
2Mb / 23P
0.7-2.8 GHz 1.5W High Linearity 5V 2-Stage Power Amplifier
BMT352 BEREX-BMT352_16 Datasheet
1Mb / 22P
3.0-4.0 GHz 1.5W High Linearity 5V 2-Stage Power Amplifier
BMT333 BEREX-BMT333_18 Datasheet
1Mb / 20P
1.8-2.7 GHz 2W High Linearity 5V 2-Stage Power Amplifier
BMT352 BEREX-BMT352_18 Datasheet
1Mb / 22P
3.0-4.0 GHz 1.5W High Linearity 5V 2-Stage Power Amplifier
BT33L BEREX-BT33L_18 Datasheet
2Mb / 19P
100-1000MHz 1.5W ~ 2.0W High Linearity 5V Power Amplifier
logo
Guerrilla RF, Inc.
GRF5507W GUERRILLA-GRF5507W Datasheet
4Mb / 26P
HIGH LINEARITY POWER AMPLIFIER 0.7 to 0.8 GHz
October 31, 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com