Electronic Components Datasheet Search
  English  ▼

X  

BMT321 Datasheet(PDF) 3 Page - BeRex Corporation

Part # BMT321
Description  0.7-2.8 GHz 1.5W High Linearity 5V 2-Stage Power Amplifier
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEREX [BeRex Corporation]
Direct Link  http://www.berex.com
Logo BEREX - BeRex Corporation

BMT321 Datasheet(HTML) 3 Page - BeRex Corporation

  BMT321 Datasheet HTML 1Page - BeRex Corporation BMT321 Datasheet HTML 2Page - BeRex Corporation BMT321 Datasheet HTML 3Page - BeRex Corporation BMT321 Datasheet HTML 4Page - BeRex Corporation BMT321 Datasheet HTML 5Page - BeRex Corporation BMT321 Datasheet HTML 6Page - BeRex Corporation BMT321 Datasheet HTML 7Page - BeRex Corporation BMT321 Datasheet HTML 8Page - BeRex Corporation BMT321 Datasheet HTML 9Page - BeRex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
0.7-2.8 GHz 1.5W High Linearity 5V 2-Stage Power Amplifier
BMT321
3
Rev. C
BeRex
●website: www.berex.com
●email: sales@berex.com
Specifications and information are subject to change and products may be discontinued without notice. BeRex is a trademark of BeRex.
All other trademarks are the property of their respective owners. © 2018 BeRex
Typical Device Data
S-parameters (Vcc & VBias = +5V, Icq=350mA, Ta=25°C)
Freq
S11
S11
S21
S21
S12
S12
S22
S22
[GHz]
[Mag]
[Ang]
[Mag]
[Ang]
[Mag]
[Ang]
[Mag]
[Ang]
1.7
0.83
176.59
12.33
-174.19
0.0062
85.84
0.81
178.90
1.8
0.83
176.42
11.86
175.32
0.0059
83.54
0.80
178.72
1.9
0.83
176.37
11.39
164.65
0.0063
90.40
0.80
179.14
2.0
0.84
176.10
11.01
153.58
0.0058
89.55
0.79
179.63
2.1
0.83
176.04
10.59
142.51
0.0062
85.21
0.79
-179.59
2.2
0.84
176.37
10.26
131.64
0.0065
76.33
0.79
-178.42
2.3
0.83
176.32
9.91
119.62
0.0073
83.92
0.79
-177.55
2.4
0.84
175.60
9.53
106.79
0.0060
86.10
0.80
-176.54
2.5
0.85
176.32
9.05
93.61
0.0082
82.26
0.81
-175.34
2.6
0.85
176.01
8.56
80.02
0.0080
81.87
0.83
-174.71
2.7
0.85
175.47
7.85
65.85
0.0079
77.26
0.85
-174.46
S-Parameter
(Vcc & VBias = +5V, Icq = 350mA, Ta= 25 °C, calibrated to device leads)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com