Electronic Components Datasheet Search
  English  ▼

X  

BMT321 Datasheet(PDF) 13 Page - BeRex Corporation

Part # BMT321
Description  0.7-2.8 GHz 1.5W High Linearity 5V 2-Stage Power Amplifier
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEREX [BeRex Corporation]
Direct Link  http://www.berex.com
Logo BEREX - BeRex Corporation

BMT321 Datasheet(HTML) 13 Page - BeRex Corporation

Back Button BMT321 Datasheet HTML 9Page - BeRex Corporation BMT321 Datasheet HTML 10Page - BeRex Corporation BMT321 Datasheet HTML 11Page - BeRex Corporation BMT321 Datasheet HTML 12Page - BeRex Corporation BMT321 Datasheet HTML 13Page - BeRex Corporation BMT321 Datasheet HTML 14Page - BeRex Corporation BMT321 Datasheet HTML 15Page - BeRex Corporation BMT321 Datasheet HTML 16Page - BeRex Corporation BMT321 Datasheet HTML 17Page - BeRex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
0.7-2.8 GHz 1.5W High Linearity 5V 2-Stage Power Amplifier
BMT321
13
Rev. C
BeRex
●website: www.berex.com
●email: sales@berex.com
Specifications and information are subject to change and products may be discontinued without notice. BeRex is a trademark of BeRex.
All other trademarks are the property of their respective owners. © 2018 BeRex
Application Circuit: 2.14 GHz
Schematic Diagram
BOM
Marks
C1
0603
1uF
Samsung
C2
0603
1uF
Samsung
C3
0603
N/A
C4
0603
22pF
Samsung
C5
0603
N/A
-
C6
0603
N/A
-
C7
0603
5pF
Samsung
C8
0603
22pF
Samsung
C9
0603
N/A
-
C10
0603
1.2pF
Samsung
C11
0603
N/A
-
C12
0603
N/A
-
C13
0603
N/A
-
C14
0603
1uF
Samsung
C15
0603
22pF
Samsung
C16
0603
1.2pF
Samsung
C17
0603
2.2pF
Samsung
L1
0603
33nH
Taiyo Yuden
L2
1008
18nH
Coilcraft-HQ
L3
0603
2.2nH
Taiyo Yuden
R1
0603
300 Ω
Samsung
R2
0603
430 Ω
Samsung
R3
0603
82 Ω
Samsung
PCB Diagram
Notice
Below information is subject to change
as conditions of the substrate.
1. We recommend to adjust capacitance of C10,
when balance for multicarrier response of
LTE20MHz is broken .
Reference
Object
Distance
Input pin
L3
5.3mm
Input pin
C16
3.5mm
Output pin
C17
3.5mm
Pin 5
C10
3.1mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com