Electronic Components Datasheet Search
  English  ▼

X  

MP9143 Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # MP9143
Description  3A, 5.5V, 1.2MHz, 40uA IQ, COT Synchronous Step Down Switcher
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP9143 Datasheet(HTML) 4 Page - Monolithic Power Systems

  MP9143 Datasheet HTML 1Page - Monolithic Power Systems MP9143 Datasheet HTML 2Page - Monolithic Power Systems MP9143 Datasheet HTML 3Page - Monolithic Power Systems MP9143 Datasheet HTML 4Page - Monolithic Power Systems MP9143 Datasheet HTML 5Page - Monolithic Power Systems MP9143 Datasheet HTML 6Page - Monolithic Power Systems MP9143 Datasheet HTML 7Page - Monolithic Power Systems MP9143 Datasheet HTML 8Page - Monolithic Power Systems MP9143 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
MP9143 – 3A, 5.5V, 1.2MHz, 40μA IQ, COT SYNCHRONOUS STEP-DOWN SWITCHER
MP9143 Rev. 1.01
www.MonolithicPower.com
4
7/4/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS (5)
VIN = 5V, TA = 25°C, unless otherwise noted.
Parameter
Symbol
Condition
Min
Typ
Max
Units
2.5V ≤ VIN ≤ 5.5V
-1.5%
0.600 +1.5%
Feedback Voltage
VFB
TA=-40
oC to +85oC
-2%
+2%
V/%
Feedback Current
IFB
VFB = 0.63V
10
nA
PFET Switch ON Resistance
RDSON_P
80
mΩ
NFET Switch ON Resistance
RDSON_N
40
mΩ
Switch Leakage
VEN = 0V, VIN = 5V
VSW = 0V and 5V
0.1
2
μA
PFET Current Limit
4.2
4.8
A
NFET Switch Sinking Current
INSW
VOUT=1.2V, VFB=0.7V
100
μA
VIN=5V, VOUT=1.2V
200
ON Time
tON
VIN=3.6V, VOUT=1.2V
277
nS
VIN=5V, VOUT=1.2V, IOUT=1A
-20%
1200
+20%
kHz
Switching frequency
fs
TA=-40
oC to +85oC
-25%
1200
+25%
kHz
Minimum OFF Time
tMIN-OFF
50
ns
Soft-Start Time
tSS-ON
1.3
ms
Soft-Stop Time
tSS-OFF
1
ms
Power-Good Upper Trip
Threshold
PGH
FB voltage respect to the
regulation
+10%
%
Power-Good Lower Trip
Threshold
PGL
-10%
%
Power-Good Delay
PGD
110
μs
Power-Good Sink Current
Capability
VPG-L
Sink 1mA
0.4
V
Power-Good Logic High Voltage
VPG-H
VIN=5V, VFB=0.6V
4.9
V
Power-Good Internal Pull-Up
Resistor
RPG
500
kΩ
Under-Voltage Lockout Threshold
Rising
2.0
2.2
2.4
V
Under-Voltage Lockout Threshold
Hysteresis
150
mV
EN Input Logic Low Voltage
0.4
V
EN Input Logic High Voltage
1.2
V
VEN=2V
2
μA
EN Input Current
VEN=0V
0.1
μA
Supply Current (Shutdown)
VEN=0V
0.1
μA
Supply Current (Quiescent)
VEN=2V, VFB=0.63V,
VIN=3.6V
40
μA
Thermal Shutdown
150
°C
Thermal Hysteresis
30
°C
Notes:
5) Guaranteed by design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com