Electronic Components Datasheet Search
  English  ▼

X  

MP9143 Datasheet(PDF) 7 Page - Monolithic Power Systems

Part # MP9143
Description  3A, 5.5V, 1.2MHz, 40uA IQ, COT Synchronous Step Down Switcher
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP9143 Datasheet(HTML) 7 Page - Monolithic Power Systems

Back Button MP9143 Datasheet HTML 3Page - Monolithic Power Systems MP9143 Datasheet HTML 4Page - Monolithic Power Systems MP9143 Datasheet HTML 5Page - Monolithic Power Systems MP9143 Datasheet HTML 6Page - Monolithic Power Systems MP9143 Datasheet HTML 7Page - Monolithic Power Systems MP9143 Datasheet HTML 8Page - Monolithic Power Systems MP9143 Datasheet HTML 9Page - Monolithic Power Systems MP9143 Datasheet HTML 10Page - Monolithic Power Systems MP9143 Datasheet HTML 11Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
MP9143 – 3A, 5.5V, 1.2MHz, 40μA IQ, COT SYNCHRONOUS STEP-DOWN SWITCHER
MP9143 Rev. 1.01
www.MonolithicPower.com
7
7/4/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
.TYPICAL PERFORMANCE CHARACTERISTICS (continued)
VIN = 5V, VOUT = 1.2V, L = 1.0µH, COUT=22µF, TA = 25°C, unless otherwise noted.
VOUT
500mV/div.
VSW
5.00V/div.
VEN
2.00V/div.
IL
2.00A/div.
EN Start Up without Load
EN Start Up with 3A Load
EN Shut Down without Load
EN Shut Down with 3A Load
Power Good On without Load
Power Good On with 3A Load
Power Good Off without Load
Power Good Off with 3A Load
Load Transient Response
VOUT
500mV/div.
VSW
5.00V/div.
VEN
2.00V/div.
IL
2.00A/div.
VOUT
500mV/div.
VSW
5.00V/div.
VEN
2.00V/div.
IL
1.00A/div.
VOUT
500mV/div.
VSW
2.00V/div.
VEN
2.00V/div.
IL
2.00A/div.
VOUT
1.00V/div.
VSW
5.00V/div.
VPG
5.00V/div.
IL
1.00A/div.
VOUT
500mV/div.
VSW
5.00V/div.
VPG
5.00V/div.
IL
2.00A/div.
VOUT
1.00V/div.
VSW
5.00V/div.
VPG
5.00V/div.
IL
1.00A/div.
VOUT
500mV/div.
VSW
5.00V/div.
VPG
5.00V/div.
IL
2.00A/div.
VOUT/AC
20.0mV/div.
VSW
5.00V/div.
IL
2.00A/div.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com