Electronic Components Datasheet Search
  English  ▼

X  

MP9143 Datasheet(PDF) 11 Page - Monolithic Power Systems

Part # MP9143
Description  3A, 5.5V, 1.2MHz, 40uA IQ, COT Synchronous Step Down Switcher
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP9143 Datasheet(HTML) 11 Page - Monolithic Power Systems

Back Button MP9143 Datasheet HTML 7Page - Monolithic Power Systems MP9143 Datasheet HTML 8Page - Monolithic Power Systems MP9143 Datasheet HTML 9Page - Monolithic Power Systems MP9143 Datasheet HTML 10Page - Monolithic Power Systems MP9143 Datasheet HTML 11Page - Monolithic Power Systems MP9143 Datasheet HTML 12Page - Monolithic Power Systems MP9143 Datasheet HTML 13Page - Monolithic Power Systems MP9143 Datasheet HTML 14Page - Monolithic Power Systems MP9143 Datasheet HTML 15Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
MP9143 – 3A, 5.5V, 1.2MHz, 40μA IQ, COT SYNCHRONOUS STEP-DOWN SWITCHER
MP9143 Rev. 1.01
www.MonolithicPower.com
11
7/4/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
OPERATION
The MP9143 uses constant on-time control with
input-voltage feed-forward to stabilize the
switching frequency over its full input range. At
light load, the MP9143 employs a proprietary
control over the low-side MOSFET (LS-FET)
and inductor current to eliminate ringing on
switching node and to improve efficiency.
Constant On-Time Control
When compared to fixed-frequency PWM control,
constant on-time control offers a simpler control
loop and faster transient response. By using
input-voltage feed-forward, the MP9143 maintains
a nearly constant switching frequency across the
entire input and output voltage range. The
switching pulse ON time can be estimated as:
OUT
ON
IN
V
t0.833 s
V

To prevent inductor current runaway during the
load transient, the MP9143 has a fixed minimum
OFF time of 50ns. However, this minimum OFF
time limit does not affect the operation of the
MP9143 in steady state in any way.
Light Load Operation
In light load condition, the MP9143 uses a
proprietary control scheme to save power and
improve efficiency: It gradually ramps down the
LS-FET current to its minimum instead of
turning off the LS-FET immediately when the
inductor current starts to reverse. The gradual
current drop avoids ringing at the switching
node that always occurs in discontinuous
conduction mode (DCM) operation.
Considering the internal circuit propagation time,
the typical delay is 50ns. It means the inductor
current still fall after the ZCD is trigger in this
delay. If the inductor current falling slew rate is
fast (VOUT voltage is high or close to Vin), the
low side MOSFET is turned off and inductor
current may be negative. This phenomena will
cause MP9143 can not enter DCM operation. If
the DCM mode is required, the off time of low
side MOSFET in CCM should be longer than
100ns. For example, Vin is 3.6V and Vo is 3.3V,
the off time in CCM is 50ns. It is difficult to enter
DCM at light load. And using smaller inductor
can improve it and make it enter DCM easily.
Enable
When the input voltage exceeds the under-
voltage lockout (UVLO) threshold—typically
2.2V—the MP9143 is enabled by pulling the EN
pin above 1.2V. Leaving the EN pin floating or
grounded will disable the MP9143. There is an
internal 1MΩ resistor from the EN pin to ground.
Soft-Start/Stop
MP9143 has a built-in soft-start that ramps up
the output voltage at a constant slew rate that
avoids overshooting at startup. The soft-start
time is typically about 1ms. When disabled, the
MP9143 ramps down the internal reference
voltage to allow the load to linearly discharge
the output.
Power GOOD Indicator
MP9143 has an open drain with 500kΩ pull-up
resistor pin for power good (PG) indication.
When the FB pin is within ±10% of regulation
voltage (0.6V), the PG pin is pulled up to VIN by
the internal resistor. If the FB pin voltage is
outside the ±10% window, the PG pin is pulled
to ground by an internal MOSFET. The
MOSFET has a maximum Rdson of less than
100Ω.
Current limit
The MP9143 has a 4.8A current limit for the
high side switch (HS-FET). When the HS-FET
hits its current limit, the MP9143 enters hiccup
mode until the current drops to prevent the
inductor current from building and possibly
damaging the components.
Short Circuit and Recovery
The MP9143 also enters short-circuit protection
(SCP) mode when it hits the current limit, and
tries to recover from the short circuit by entering
hiccup mode. In SCP, the MP9143 disables the
output power stage, discharges a soft-start
capacitor,
and
then
enacts
a
soft-start
procedure. If the short-circuit condition still
holds after soft-start ends, the MP9143 repeats
this operation until the short circuit ceases and
output rises back to regulation level.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com