Electronic Components Datasheet Search
  English  ▼

X  

MP9162A Datasheet(PDF) 3 Page - Monolithic Power Systems

Part # MP9162A
Description  2A, 6V, 1.5MHz, 17uA IQ, COT, Synchronous, Step-Down Converter
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP9162A Datasheet(HTML) 3 Page - Monolithic Power Systems

  MP9162A Datasheet HTML 1Page - Monolithic Power Systems MP9162A Datasheet HTML 2Page - Monolithic Power Systems MP9162A Datasheet HTML 3Page - Monolithic Power Systems MP9162A Datasheet HTML 4Page - Monolithic Power Systems MP9162A Datasheet HTML 5Page - Monolithic Power Systems MP9162A Datasheet HTML 6Page - Monolithic Power Systems MP9162A Datasheet HTML 7Page - Monolithic Power Systems MP9162A Datasheet HTML 8Page - Monolithic Power Systems MP9162A Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
MP9162A – 2A, 6V, 1.5MHz, SYNCHRONOUS, STEP-DOWN CONVERTER
MP9162A Rev. 1.01
www.MonolihicPower.com
3
7/5/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS
VIN = 5V, TA = +25°C, unless otherwise noted.
Parameter
Symbol
Condition
Min
Typ
Max
Units
2.5V ≤ VIN ≤ 6V, TA = 25°C
-1.5
0.600
+1.5
Feedback voltage
VFB
TA = -40°C to +85°C
(6)
-2.5
+2.5
V/%
Feedback current
IFB
VFB = 0.6V
10
50
nA
P-FET switch on resistance
RDSON_P
110
mΩ
N-FET switch on resistance
RDSON_N
60
mΩ
Switch leakage
VEN = 0V, VIN = 6V,
VSW = 0V and 6V
0
1
μA
P-FET current limit
2.6
3.2
4.0
A
VIN = 5V, VOUT = 1.2V
166
On time
TON
VIN = 3.6V, VOUT = 1.2V
220
ns
VOUT = 1.2V, TA = 25°C
-20
1500
+20
kHz/%
Switching frequency
Fs
TA = -40°C to +85°C
(6)
-25
1500
+25
kHz/%
Minimum off time
(6)
TMIN-OFF
60
ns
Soft-start time
TSS-ON
VOUT from 10% to 90%
0.6
1.15
1.7
ms
Power good upper trip threshold
PGH
FB voltage with respect to
the regulation
+10
%
Power good lower trip threshold
PGL
-10
%
Power good delay
PGD
50
μs
Power good sink current capability
VPG-L
Sink 1mA
0.4
V
Power good logic high voltage
VPG-H
VIN = 5V, VFB = 0.6V
4.9
V
Power good internal pull-up
resistor
RPG
550
kΩ
Under-voltage lockout threshold
rising
2.15
2.3
2.45
V
Under-voltage lockout threshold
hysteresis
260
mV
EN input logic low voltage
0.4
V
EN input logic high voltage
1.2
V
VEN = 2V
1.5
μA
EN input current
VEN = 0V
0
μA
Supply current (shutdown)
VEN = 0V, VIN = 3V
20
100
nA
Supply current (quiescent)
VEN = 2V, VFB = 0.63V,
VIN = 5V
17
20
μA
Thermal shutdown
(5)
150
°C
Thermal hysteresis
(5)
30
°C
NOTES:
5) Guaranteed by design.
6) Guaranteed by characterization test.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com