Electronic Components Datasheet Search
  English  ▼

X  

MP9162A Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP9162A
Description  2A, 6V, 1.5MHz, 17uA IQ, COT, Synchronous, Step-Down Converter
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP9162A Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP9162A Datasheet HTML 1Page - Monolithic Power Systems MP9162A Datasheet HTML 2Page - Monolithic Power Systems MP9162A Datasheet HTML 3Page - Monolithic Power Systems MP9162A Datasheet HTML 4Page - Monolithic Power Systems MP9162A Datasheet HTML 5Page - Monolithic Power Systems MP9162A Datasheet HTML 6Page - Monolithic Power Systems MP9162A Datasheet HTML 7Page - Monolithic Power Systems MP9162A Datasheet HTML 8Page - Monolithic Power Systems MP9162A Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
MP9162A
2A, 6V, 1.5MHz, 17μA IQ, COT,
Synchronous, Step-Down Converter
MP9162A Rev. 1.01
www.MonolihicPower.com
1
7/5/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The MP9162A is a monolithic, step-down,
switch-mode converter with built-in, internal
power MOSFETs. It can achieve 2A of
continuous output current from a 2.5V-to-6V
input voltage with excellent load and line
regulation. The output voltage can be regulated
as low as 0.6V.
The constant-on-time (COT) control scheme
provides a fast transient response and eases
loop stabilization. Fault condition protections
include cycle-by-cycle current limiting and
thermal shutdown.
The MP9162A is available in a small QFN-8
(2.0mmx1.5mm) package and requires only a
minimal number of readily available, standard,
external components.
The MP9162A is ideal for a wide range of
applications, including high-performance DSPs,
FPGAs, PDAs, and portable instruments.
FEATURES
 Very Low IQ: 17μA
 Default 1.5MHz Switching Frequency
 1.5% VFB Accuracy
 EN and Power Good for Power Sequencing
 Wide 2.5V to 6V Operating Input Range
 Output Adjustable from 0.6V
 Up to 2A of Output Current
 100% Duty Cycle in Dropout
 110mΩ and 60mΩ Internal Power MOSFET
Switches
 Cycle-by-Cycle
Over-Current
Protection
(OCP)
 Short-Circuit Protection (SCP) with Hiccup
Mode
 Stable with Low ESR Output Ceramic
Capacitors
 Available in a QFN-8 (1.5mmx2.0mm)
Package
APPLICATIONS
 Wireless/Networking Cards
 Portable Instruments
 Battery-Powered Devices
 Low-Voltage I/O System Power
All MPS parts are lead-free, halogen-free, and adhere to the RoHS directive.
For MPS green status, please visit the MPS website under Quality Assurance.
“MPS” and “The Future of Analog IC Technology” are registered trademarks of
Monolithic Power Systems, Inc.
TYPICAL APPLICATION
MP9162A
PGND AGND
FB
VIN
C1
10 F
EN
VIN
2.5V to 6V
VOUT
1.2V/2A
SW
C2
10 F
R1
200k
R2
200k
PG
EN
PG
OUT
L1
1 H


Similar Part No. - MP9162A

ManufacturerPart #DatasheetDescription
logo
Caddock Electronics, In...
MP916 CADDOCK-MP916 Datasheet
249Kb / 2P
Power Film Resistors TO-126, TO-220 and TO-247 Style
MP916 CADDOCK-MP916 Datasheet
532Kb / 2P
Power Film Resistors TO-126, TO-220 and TO-247 Style
MP916 CADDOCK-MP916 Datasheet
532Kb / 2P
MP900 and MP9000 Series Kool-Pak짰 Power Film Resistors TO-126, TO-220 and TO-247 Style
logo
Monolithic Power System...
MP9161A MPS-MP9161A Datasheet
443Kb / 15P
2A, 6V, 1.5MHz, 17uA IQ, COT Synchronous Step-Down Converter in 8-pin TSOT23
MP9161AGJ MPS-MP9161AGJ Datasheet
443Kb / 15P
2A, 6V, 1.5MHz, 17uA IQ, COT Synchronous Step-Down Converter in 8-pin TSOT23
More results

Similar Description - MP9162A

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP2158 MPS-MP2158 Datasheet
445Kb / 13P
1A, 6V, 1.5MHz, 17A IQ, COT Synchronous Step Down Switcher In Ultra-small 2x1.5mm QFN
MP2159 MPS-MP2159 Datasheet
448Kb / 13P
1A, 6V, 1.5MHz, 17A IQ, COT Synchronous Step Down Switcher In 8-pin TSOT23
MP2161 MPS-MP2161 Datasheet
385Kb / 13P
2A, 6V, 1.5MHz, 17A IQ, COT Synchronous Step Down Switcher In 8-pin TSOT23
MP2162 MPS-MP2162 Datasheet
456Kb / 13P
2A, 6V, 1.5MHz, 17A IQ, COT Synchronous Step Dwon Switcher In Ultra-small 2x1.5mm QFN
MP2158A MPS-MP2158A Datasheet
469Kb / 14P
1A, 6V, 1.5MHz, 17uA IQ, COT Synchronous Step-Down Converter in Ultra-Small 2x1.5mm QFN-8
MP2161A MPS-MP2161A Datasheet
460Kb / 15P
2A, 6V, 1.5MHz, 17uA IQ, COT Synchronous Step-Down Converter in 8-pin TSOT23
MP2162A MPS-MP2162A Datasheet
533Kb / 17P
2A, 6V, 1.5MHz, 17uA IQ, COT Synchronous Step-Down Converter
MP9161A MPS-MP9161A Datasheet
443Kb / 15P
2A, 6V, 1.5MHz, 17uA IQ, COT Synchronous Step-Down Converter in 8-pin TSOT23
logo
Shenzhen Huazhimei Semi...
HM3420S HMSEMI-HM3420S Datasheet
859Kb / 10P
1.5MHz, 2A Synchronous Step-Down Converter
logo
Richtek Technology Corp...
RT5710A RICHTEK-RT5710A Datasheet
905Kb / 15P
1A, 1.5MHz, 6V CMCOT Synchronous Step-Down Converter
November 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com