Electronic Components Datasheet Search
  English  ▼

X  

MP9162A Datasheet(PDF) 10 Page - Monolithic Power Systems

Part # MP9162A
Description  2A, 6V, 1.5MHz, 17uA IQ, COT, Synchronous, Step-Down Converter
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP9162A Datasheet(HTML) 10 Page - Monolithic Power Systems

Back Button MP9162A Datasheet HTML 6Page - Monolithic Power Systems MP9162A Datasheet HTML 7Page - Monolithic Power Systems MP9162A Datasheet HTML 8Page - Monolithic Power Systems MP9162A Datasheet HTML 9Page - Monolithic Power Systems MP9162A Datasheet HTML 10Page - Monolithic Power Systems MP9162A Datasheet HTML 11Page - Monolithic Power Systems MP9162A Datasheet HTML 12Page - Monolithic Power Systems MP9162A Datasheet HTML 13Page - Monolithic Power Systems MP9162A Datasheet HTML 14Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
MP9162A – 2A, 6V, 1.5MHz, SYNCHRONOUS, STEP-DOWN CONVERTER
MP9162A Rev. 1.01
www.MonolihicPower.com
10
7/5/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
OPERATION
The MP9162A uses a constant-on-time control
with an input voltage feed-forward to stabilize
the switching frequency over a full input voltage
range. During light loads, the MP9162A
employs proprietary control of the low-side
switches and inductor currents to eliminate
ringing on the switching node and improve
efficiency.
Constant-on-Time Control (COT)
Compared to fixed frequency PWM control,
constant-on-time (COT) control offers a simpler
control loop and a faster transient response. By
using an input voltage feed-forward, the
MP9162A maintains a nearly constant switching
frequency across the input and output voltage
ranges. The on time of the switching pulse can
be estimated with Equation (1):
OUT
ON
IN
V
T0.667 s
V

(1)
To prevent inductor current runaway during the
load transient, the MP9162A uses a fixed
minimum off time of 60ns. This minimum off
time limit does not affect the operation of the
MP9162A in its steady state in any way.
Light-Load Operation
In light-load conditions, the MP9162A uses a
proprietary control scheme to save power and
improve efficiency. The MP9162A uses a zero-
current cross circuit (ZCD) to detect if the
inductor current is starting to reverse. The low-
side switch turns off when the inductor current
starts to reverse and begins working in
discontinuous conduction mode (DCM).
The delay for the internal circuit propagation
time is typically 50ns. This means that the
inductor current continues falling after ZCD is
triggered in this delay. If the inductor current
falling slew rate is fast (VOUT is high or close to
VIN), then the low-side MOSFET turns off, the
inductor current may be negative, and the
MP9162A cannot enter DCM operation. If DCM
is required, the off time of the low-side
MOSFET in CCM should be longer than 100ns
(2x the propagation delay).
For example, if VIN is 3.6V and VOUT is 3.3V, the
off time in CCM is 55ns. It is difficult to enter
DCM at light load. Using a smaller inductor can
help the MP9162A enter DCM more easily.
Enable (EN)
When the input voltage is greater than the
under-voltage
lockout
(UVLO)
threshold
(typically 2.3V), the MP9162A is enabled by
pulling EN higher than 1.2V. Leaving EN
floating or grounded disables the MP9162A.
There is an internal 1MΩ resistor from EN to
ground.
Soft Start
The MP9162A has a built-in soft start that
ramps up the output voltage at a controlled slew
rate to avoid overshooting at start-up. The soft-
start time is typically about 1.15ms.
Power Good Indicator
The MP9162A uses an open drain with a 550kΩ
pull-up resistor as a power good indicator (PG).
When the FB voltage is within ±10% of the
regulation voltage (i.e.: 0.6V), PG is pulled up to
VIN by an internal resistor. If the FB voltage is
out of the ±10% window, PG is pulled down to
ground by an internal MOSFET. The MOSFET
has a maximum RDS(ON) of less than 400Ω.
Current Limit
The MP9162A has a typical 3.2A current limit
on the high-side switch. When the high-side
switch reaches its current limit, the MP9162A
enters hiccup mode until the current drops. This
prevents the inductor current from rising and
possibly damaging the components.
Short Circuit and Recovery
The MP9162A enters short-circuit protection
mode when the current limit is reached and
attempts to recover from the short circuit by
entering hiccup mode. In short-circuit protection,
the MP9162A disables the output power stage,
discharges a soft-start capacitor, and tries to
soft start automatically. If the short-circuit
condition still remains after the soft start ends,
the MP9162A repeats this operation until the
short circuit disappears, and the output rises
back to regulation levels.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com