Electronic Components Datasheet Search
  English  ▼

X  

MP9184 Datasheet(PDF) 3 Page - Monolithic Power Systems

Part # MP9184
Description  17A, 600kHz, 20V, Wide Input Range, Synchronous Boost Converter in a Small 3mm x 4mm QFN Package
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP9184 Datasheet(HTML) 3 Page - Monolithic Power Systems

  MP9184 Datasheet HTML 1Page - Monolithic Power Systems MP9184 Datasheet HTML 2Page - Monolithic Power Systems MP9184 Datasheet HTML 3Page - Monolithic Power Systems MP9184 Datasheet HTML 4Page - Monolithic Power Systems MP9184 Datasheet HTML 5Page - Monolithic Power Systems MP9184 Datasheet HTML 6Page - Monolithic Power Systems MP9184 Datasheet HTML 7Page - Monolithic Power Systems MP9184 Datasheet HTML 8Page - Monolithic Power Systems MP9184 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
MP9184 – 17A, 600KHZ, 20V WIDE INPUT RANGE ,SYNCHRONOUS BOOST CONVERTER IN ASMALL 3X4MM QFN PACKAGE
MP9184 Rev. 1.0
www.MonolithicPower.com
3
8/27/2015
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2015 MPS. All Rights Reserved.
ABSOLUTE MAXIMUM RATINGS (1)
SW .....................–0.3V to +24V (28V for <10ns)
IN, SENSE, OUT .........................–0.3V to +24V
MODE ....................................–0.3V to Vin+5.5V
BST, SDR ............................ –0.3V to Vsw+5.5V
All Other Pins..............................–0.3V to +5.5V
EN bias current………………………… 0.5mA(2)
Junction Temperature...............................150°C
Lead Temperature ....................................260°C
Storage Temperature............... -65°C to +150°C
Continuous Power Dissipation (TA= +25
oC)
(3)
................................................................... 2.6W
Recommended Operating Conditions
(4)
Supply Voltage VIN ..............................3V to 20V
Output Voltage VOUT............................VIN to 22V
EN bias current…………………0mA to 0.3mA(2)
Operating Junction Temp.(TJ).. -40°C to +125°C
Thermal Resistance
(5)
θJA
θJC
QFN-22 (3mmx4mm)
…. 48
11
°C/W
Notes:
1) Exceeding these ratings may damage the device.
2) Refer to “Enable and Programmable UVLO” section
3) The maximum allowable power dissipation is a function of the
maximum junction temperature TJ (MAX), the junction-to-
ambient thermal resistance θJA, and the ambient temperature
TA. The maximum allowable continuous power dissipation at
any ambient temperature is calculated by PD (MAX) = (TJ
(MAX)-TA)/θJA. Exceeding the maximum allowable power
dissipation will cause excessive die temperature, and the
regulator will go into thermal shutdown. Internal thermal
shutdown circuitry protects the device from permanent
damage.
4) The device is not guaranteed to function outside of its
operating conditions.
5) Measured on JESD51-7, 4-layer PCB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com