Electronic Components Datasheet Search
  English  ▼

X  

MP9184 Datasheet(PDF) 7 Page - Monolithic Power Systems

Part # MP9184
Description  17A, 600kHz, 20V, Wide Input Range, Synchronous Boost Converter in a Small 3mm x 4mm QFN Package
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP9184 Datasheet(HTML) 7 Page - Monolithic Power Systems

Back Button MP9184 Datasheet HTML 3Page - Monolithic Power Systems MP9184 Datasheet HTML 4Page - Monolithic Power Systems MP9184 Datasheet HTML 5Page - Monolithic Power Systems MP9184 Datasheet HTML 6Page - Monolithic Power Systems MP9184 Datasheet HTML 7Page - Monolithic Power Systems MP9184 Datasheet HTML 8Page - Monolithic Power Systems MP9184 Datasheet HTML 9Page - Monolithic Power Systems MP9184 Datasheet HTML 10Page - Monolithic Power Systems MP9184 Datasheet HTML 11Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
MP9184 – 17A, 600KHZ, 20V WIDE INPUT RANGE ,SYNCHRONOUS BOOST CONVERTER IN ASMALL 3X4MM QFN PACKAGE
MP9184 Rev. 1.0
www.MonolithicPower.com
7
8/27/2015
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2015 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CHARACTERISTICS
VIN = 3V, VOUT = 12V, L = 2.2µH, IOUT=2A, COUT=22µF*3, VMODE=float, RSENSE=4mΩ TA = 25°C, unless
otherwise noted.
IOUT(A)
IOUT(A)
IOUT(A)
Load Regulation
VMODE=GND
Case Temperature Rise
vs. Output Current
VMODE=GND, VOUT=5V,
4-layer board
Case Temperature Rise
vs. Output Current
VMODE=GND, VOUT=12V,
4-layer board
Line Regulation
VMODE=GND
Bode Plot
VIN=3V,IOUT=2A,VMODE=GND
Bode Plot
VIN=3V,IOUT=0.3A,VMODE=GND
IOUT(A)
IOUT(A)
FREQUENCY (Hz)
FREQUENCY (Hz)
IOUT(A)
40
45
50
55
60
65
70
75
80
85
90
95
100
0.001
0.01
0.1
1
10
40
45
50
55
60
65
70
75
80
85
90
95
100
0.001
0.01
0.1
1
10
VIN=3V
VIN=4.2V
-1
-0.6
-0.2
0.2
0.6
1
0123456
VIN=4.2V
VIN=8.4V
-1
-0.6
-0.2
0.2
0.6
1
2
4
6
8
10
12
IOUT=10mA
IOUT=2A
0
10
20
30
40
50
01
2345
678
VIN=4.2V
VIN=3V
0
10
20
30
40
50
60
70
80
90
01
23
45
67
VIN=4.2V
VIN=3V
VIN=6V
VIN=8.4V
-60
-48
-36
-24
-12
0
12
24
36
48
60
100
1000 10000 100000 1000000
100
1000 10000 100000 1000000
-180
-144
-108
-72
-36
0
36
72
108
144
180
PHASE
GAIN
-60
-48
-36
-24
-12
0
12
24
36
48
60
-180
-144
-108
-72
-36
0
36
72
108
144
180
PHASE
GAIN
VIN=4.2V
VIN=6V
VIN=8.4V
VIN=3V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com