Electronic Components Datasheet Search
  English  ▼

X  

MP9184 Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP9184
Description  17A, 600kHz, 20V, Wide Input Range, Synchronous Boost Converter in a Small 3mm x 4mm QFN Package
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP9184 Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP9184 Datasheet HTML 1Page - Monolithic Power Systems MP9184 Datasheet HTML 2Page - Monolithic Power Systems MP9184 Datasheet HTML 3Page - Monolithic Power Systems MP9184 Datasheet HTML 4Page - Monolithic Power Systems MP9184 Datasheet HTML 5Page - Monolithic Power Systems MP9184 Datasheet HTML 6Page - Monolithic Power Systems MP9184 Datasheet HTML 7Page - Monolithic Power Systems MP9184 Datasheet HTML 8Page - Monolithic Power Systems MP9184 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
MP9184
17A, 600kHz, 20V, Wide Input Range,
Synchronous Boost Converter
in a Small 3mm x 4mm QFN Package
MP9184 Rev. 1.0
www.MonolithicPower.com
1
8/27/2015
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2015 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The MP9184 is a 600kHz, fixed-frequency,
high-efficiency, wide input range, current-mode
boost converter with optional internal or
external current-sensing configuration for high-
integration and high-power applications. With a
current limit above 17A, the MP9184 supports a
wide range of applications, including POS,
Thunderbolt, Bluetooth Audio, Power Banks,
and Fuel Cells. The MP9184 features a 10mΩ,
24V power switch and a synchronous gate
driver
for
high
efficiency.
An
external
compensation pin gives the user flexibility in
setting loop dynamics and obtaining optimal
transient performance at all conditions.
The MP9184 includes under-voltage lockout
(UVLO), switching-current limiting, and thermal
shutdown (TSD) to prevent damage in the
event of an output overload.
The MP9184 is available in a low-profile 22-pin
3mm x 4mm QFN package.
FEATURES
 3V to 20V Wide Input Range
 Integrated 10mΩ Low-Side Power FET
 SDR Driver for Synchronous Solution
 >17A Switch-Current Limit
 Up to 97.5% Efficiency
 Optional
Internal/External
Current-
Sensing Configuration
 External Soft Start and Compensation for
Higher Flexibility
 Programmable UVLO and Hysteresis
 < 1µA Shutdown Current
 Thermal Shutdown at 150℃
 Available in a 3mm x 4mm QFN-22
Package
APPLICATIONS
 USB Type-C
 Thunderbolt Interface
 Notebooks and Tablets
 Bluetooth Audio
 Power Banks
 Fuel Cells
 POS Systems
All MPS parts are lead-free, halogen-free, and adhere to the RoHS directive. For
MPS green status, please visit the MPS website under Quality Assurance.
“MPS” and “The Future of Analog IC Technology” are registered trademarks of
Monolithic Power Systems, Inc.
TYPICAL APPLICATION
40
45
50
55
60
65
70
75
80
85
90
95
100
0.001
0.01
0.1
1
10
VIN=4.2V
VIN=6V
VIN=8.4V
VIN=3V


Similar Part No. - MP9184

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP9184A MPS-MP9184A Datasheet
1Mb / 26P
19A, 600kHz, 20V Wide Input Range, Synchronous Boost Converter with Input Disconnect Function
MP9184A MPS-MP9184A Datasheet
1Mb / 8P
19A, 600kHz 20V Wide Input Synchronous Boost Converter EV Board
MP9184AGL MPS-MP9184AGL Datasheet
1Mb / 26P
19A, 600kHz, 20V Wide Input Range, Synchronous Boost Converter with Input Disconnect Function
More results

Similar Description - MP9184

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61170 TI-TPS61170_08 Datasheet
952Kb / 27P
1.2A High Voltage Boost Converter in 2x2mm2 QFN Package
TPS61170-Q1 TI1-TPS61170-Q1 Datasheet
872Kb / 28P
1.2A High Voltage Boost Converter in 2x2mm2 QFN Package
logo
Monolithic Power System...
MP9184A MPS-MP9184A Datasheet
1Mb / 26P
19A, 600kHz, 20V Wide Input Range, Synchronous Boost Converter with Input Disconnect Function
MP3421 MPS-MP3421 Datasheet
473Kb / 16P
5.5A, 600kHz High-Efficiency, Synchronous Step-Up Converter with True Output Disconnect in a 2mmx2mm QFN Package
MP3427 MPS-MP3427 Datasheet
905Kb / 20P
17A, 600kHz, 8V Wide Input Range Synchronous Boost Converter in a small 3x4mm QFN Package
MP3428 MPS-MP3428 Datasheet
930Kb / 20P
17A, 600kHz, 20V Wide Input Range, Synchronous Boost Converter in a small 3x4mm QFN Package
MP3428A MPS-MP3428A Datasheet
1Mb / 26P
19A, 600kHz, 20V Wide Input Range, Synchronous Boost Converter with Input Disconnect Function
EV3427-L-00A MPS-EV3427-L-00A Datasheet
523Kb / 8P
17A, 600kHz, 8V Wide Input Range Synchronous Boost Converter EV Board
EV3428-L-00A MPS-EV3428-L-00A Datasheet
456Kb / 6P
17A, 600kHz, 20V Wide Input Synchronous Boost Converter EV Board
EV9184A-L-00A MPS-EV9184A-L-00A Datasheet
1Mb / 8P
19A, 600kHz 20V Wide Input Synchronous Boost Converter EV Board
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com