Electronic Components Datasheet Search
  English  ▼

X  

MP9218 Datasheet(PDF) 3 Page - Monolithic Power Systems

Part # MP9218
Description  High Performance Regulated Charge Pump
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP9218 Datasheet(HTML) 3 Page - Monolithic Power Systems

  MP9218 Datasheet HTML 1Page - Monolithic Power Systems MP9218 Datasheet HTML 2Page - Monolithic Power Systems MP9218 Datasheet HTML 3Page - Monolithic Power Systems MP9218 Datasheet HTML 4Page - Monolithic Power Systems MP9218 Datasheet HTML 5Page - Monolithic Power Systems MP9218 Datasheet HTML 6Page - Monolithic Power Systems MP9218 Datasheet HTML 7Page - Monolithic Power Systems MP9218 Datasheet HTML 8Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
MP9218–HIGH PERFORMANCE REGULATED CHARGE PUMP
MP9218 Rev. 1.0
www.MonolithicPower.com
3
10/20/2014
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2014 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS
VIN=3.7V, CIN=COUT=2.2uF, CP=0.22µF, TA=25°C, unless otherwise noted
Parameter
Symbol
Condition
Min
Typ
Max
Units
Input Supply Voltage
VIN
2.8
5
V
Output Voltage
VOUT
VIN>3.2V, IOUT<110mA
4.8
5
5.2
V
Quiescent Current
IQ
IOUT=0
2
4
mA
Maximum Output Current
IO
VIN>3.2V
110
mA
Over Current Protection
IOCP
VOUT=5V
250
350
500
mA
Short Circuit Protection
(5)
ISHORT
60
mA
Output Ripple
(5)
IOUT=60mA
30
mV
Shut Down Current
ISHDN
VIN=4.5V, VEN<0.4V
0.1
1
µA
Operation Frequency
FOSC
1.1
1.35
1.6
MHz
Enable Voltage, High
VEN (HIGH)
1.5
V
Enable Voltage, Low
VEN (LOW)
0.4
V
Enable Pin Leakage
IEN
V
EN=5V
0.2
1
µA
Notes:
5) Guaranteed by design.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com