Electronic Components Datasheet Search
  English  ▼

X  

MP9218 Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # MP9218
Description  High Performance Regulated Charge Pump
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP9218 Datasheet(HTML) 4 Page - Monolithic Power Systems

  MP9218 Datasheet HTML 1Page - Monolithic Power Systems MP9218 Datasheet HTML 2Page - Monolithic Power Systems MP9218 Datasheet HTML 3Page - Monolithic Power Systems MP9218 Datasheet HTML 4Page - Monolithic Power Systems MP9218 Datasheet HTML 5Page - Monolithic Power Systems MP9218 Datasheet HTML 6Page - Monolithic Power Systems MP9218 Datasheet HTML 7Page - Monolithic Power Systems MP9218 Datasheet HTML 8Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
MP9218–HIGH PERFORMANCE REGULATED CHARGE PUMP
MP9218 Rev. 1.0
www.MonolithicPower.com
4
10/20/2014
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2014 MPS. All Rights Reserved.
PIN FUNCTIONS
Pin #
Name
Description
1
GND
Ground.
2
IN
Input.
3
OUT
Output Voltage. Decoupled with a 2.2µF ceramic capacitor for a load current less than 60mA.
For a load current greater than 60mA, use 10µF decoupling capacitor.
4
CP
Flying Capacitor Positive Terminal.
5
CN
Flying Capacitor Negative Terminal.
6
EN
Device Enable: A logic high input (VEN>1.5V) turns on the regulator. A logic low input
(VEN>0.4V)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com