Electronic Components Datasheet Search
  English  ▼

X  

MP9218 Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP9218
Description  High Performance Regulated Charge Pump
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP9218 Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP9218 Datasheet HTML 1Page - Monolithic Power Systems MP9218 Datasheet HTML 2Page - Monolithic Power Systems MP9218 Datasheet HTML 3Page - Monolithic Power Systems MP9218 Datasheet HTML 4Page - Monolithic Power Systems MP9218 Datasheet HTML 5Page - Monolithic Power Systems MP9218 Datasheet HTML 6Page - Monolithic Power Systems MP9218 Datasheet HTML 7Page - Monolithic Power Systems MP9218 Datasheet HTML 8Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
MP9218
High Performance
Regulated Charge Pump
MP9218 Rev. 1.0
www.MonolithicPower.com
1
10/20/2014
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2014 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The MP9218 is a high performance, regulated
charge pump converter. Its input voltage ranges
from 2.8V to Vout. The output voltage is
regulated to a fixed 5V. No external inductor is
required
for
simplicity
and
compactness.
Internal soft-start circuit effectively reduces the
in-rush current both while start-up and mode
change.
The MP9218 is available in a compact TQFN-6
(2mmx2mm) package
FEATURES
• Input Voltage Range: 2.8V to 5V
• Internal Soft-Start
• Output Maximum Current up to 110mA
• Fixed 5V Output Voltage with 30mV Ripple
• 2X Charge Pump
• Fixed 1.35MHz Switching Frequency
• Over Current Protection
• Short Circuit Protection
• In-rush Current limit
• TQFN-6 (2mmx2mm) package and Lead
(pb)-Free
APPLICATIONS
• Cell phone, Smart phone
• PDA or hand Held Computer
• LCD Display Supply
• TV-Remote Control
All MPS parts are lead-free and adhere to the RoHS directive. For MPS green
status, please visit MPS website under Products, Quality Assurance page.
“MPS” and “The Future of Analog IC Technology” are registered trademarks of
Monolithic Power Systems, Inc.
TYPICAL APPLICATION


Similar Part No. - MP9218

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP92265 MPS-MP92265 Datasheet
1Mb / 16P
18V, 5A, 500kHz, High-Efficiency, Synchronous, Step-Down Converter in 8-Pin TSOT23
MP92265GJ MPS-MP92265GJ Datasheet
1Mb / 16P
18V, 5A, 500kHz, High-Efficiency, Synchronous, Step-Down Converter in 8-Pin TSOT23
MP92325 MPS-MP92325 Datasheet
725Kb / 16P
24V, 3A, 500kHz, High-Efficiency, Synchronous, Step-Down Converter
MP92325GJ MPS-MP92325GJ Datasheet
725Kb / 16P
24V, 3A, 500kHz, High-Efficiency, Synchronous, Step-Down Converter
logo
Caddock Electronics, In...
MP925 CADDOCK-MP925 Datasheet
249Kb / 2P
Power Film Resistors TO-126, TO-220 and TO-247 Style
More results

Similar Description - MP9218

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT3110 ANALOGICTECH-AAT3110 Datasheet
510Kb / 18P
MicroPower??Regulated Charge Pump
logo
ON Semiconductor
NIS6201 ONSEMI-NIS6201 Datasheet
44Kb / 4P
Floating, Regulated Charge Pump
May, 2004 ??Rev. P2
logo
Advanced Analog Technol...
AAT3111 AAT-AAT3111 Datasheet
351Kb / 16P
MicroPower??Regulated Charge Pump
3111.2006.06.1.3
logo
Analog Microelectronics
AME7730 AME-AME7730 Datasheet
163Kb / 12P
100mA Regulated Charge Pump
logo
Richtek Technology Corp...
RT9361A RICHTEK-RT9361A Datasheet
282Kb / 12P
Tiny Package, High Performance, Regulated Charge Pump
logo
Monolithic Power System...
MP9361 MPS-MP9361 Datasheet
335Kb / 6P
High Performance Regulated Charge Pump
MPQ9361 MPS-MPQ9361 Datasheet
386Kb / 8P
Industrial Grade, High Performance Regulated Charge Pump
EV9361DJ-00A MPS-EV9361DJ-00A Datasheet
159Kb / 4P
High Performance Regulated Charge Pump Evaluation Board
logo
Lowpower Semiconductor ...
LP3120 POWER-LP3120 Datasheet
255Kb / 5P
High Performance Regulated Charge Pump
logo
Richtek Technology Corp...
RT9394 RICHTEK-RT9394 Datasheet
210Kb / 13P
Tiny Package, High Performance, Regulated Charge Pump
May 2022
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com