Electronic Components Datasheet Search
  English  ▼

X  

NERM Datasheet(PDF) 1 Page - Nova Electric. All Rights Reserved.

Part # NERM
Description  True-on-Line UPS System 6-400 KVA
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NOVA [Nova Electric. All Rights Reserved.]
Direct Link  https://novaelectric.com/
Logo NOVA - Nova Electric. All Rights Reserved.

NERM Datasheet(HTML) 1 Page - Nova Electric. All Rights Reserved.

  NERM Datasheet HTML 1Page - Nova Electric. All Rights Reserved. NERM Datasheet HTML 2Page - Nova Electric. All Rights Reserved. NERM Datasheet HTML 3Page - Nova Electric. All Rights Reserved. NERM Datasheet HTML 4Page - Nova Electric. All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
NERM Series Three Phase Modular / Redundant
True-on-Line UPS System 6-400 KVA
10 KVA to 400 KVA (For 220/380 VAC Power systems)
6 KVA to 240 KVA (For 120/208 VAC Power systems)
Modular Hot Swap Design
10 Module Cabinet
6 Module Cabinet
Single Module
Each UPS power module is designed to be hot swappable for hassle
-free power expansion and system maintenance. Each module is
controlled independently, thus avoiding a single point failure risk. If any
individual module fails or disconnects, the system continues to operate
and supply power without interruption, ensuring a high level of reliability
and protection.
Easy Operation and Installation
The modular flexibility of the NERM-Series UPS dramatically reduces
technician time spent on installation and maintenance. A large touch-
screen LCD panel ensures that users can quickly and easily access
vital information.
Intelligent Battery Management
Each UPS module contains a powerful 3.2 KW battery charger, and up
to ten modules can be paralleled for 32 KW maximum battery charging
capacity. These chargers are DSP controlled with intelligent digital
algorithms designed specifically to prolong battery life.
The Smart Protection System
Each individual power module and the overall system are protected
by both hardware and software. Protection functions include abnormal
current, incorrect input or output voltage, over temperature, and short
circuit. The combination of these hardware and software protection
functions results in extremely high reliability, with a very user friendly
interface.
NOVA ELECTRIC div. Of Technology Dynamics Inc.
Nova Electric’s NERM-Series True Online UPS provides a modular backup solution for data centers, computer systems, and
any other critical equipment which demands dependable backup power. The NERM’s state of the art design combines the latest
IGBT three-level technology along with modern DSP Control for maximum reliability, low THD-i, and extremely high system
efficiency. Modules can be stacked from 6 KVA to 400 KVA, offering hot-swappable flexibility with the highest quality, at a price
you can afford. Power expansion is very simple to achieve by adding more individual power modules to the system, which can
reach 200 KVA power in a single rack. Two racks can be paralleled for 400 KVA power!
*Specifications are subject to change without notice
A Division of
TECHNOLOGY DYNAMICS, INC.
100 School St., Bergenfield NJ 07621
WEB ::
www.novaelectric.com
www.novaelectric.com
E-Mail : novasales@theallpower.com
PHONE : (201) 385-0500 FAX : (201) 385-0702


Similar Part No. - NERM

ManufacturerPart #DatasheetDescription
logo
Future Technology Devic...
NERO-LP1 FTDI-NERO-LP1 Datasheet
820Kb / 18P
16MHz ATmega328 32-pin TQFP package microcontroller.
NERO-NP1 FTDI-NERO-NP1 Datasheet
820Kb / 18P
16MHz ATmega328 32-pin TQFP package microcontroller.
NERO-SP1 FTDI-NERO-SP1 Datasheet
820Kb / 18P
16MHz ATmega328 32-pin TQFP package microcontroller.
More results

Similar Description - NERM

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
SU40KX TRIPPLITE-SU40KX Datasheet
506Kb / 5P
SmartOnline 40kVA Modular 3-Phase UPS System,On-line Double-Conversion International UPS
SU100KX2 TRIPPLITE-SU100KX2 Datasheet
502Kb / 5P
SmartOnline 100kVA Modular 3-Phase UPS System,On-line Double-Conversion International UPS
SU120KX2 TRIPPLITE-SU120KX2 Datasheet
496Kb / 5P
SmartOnline 120kVA Modular 3-Phase UPS System,On-line Double-Conversion International UPS
logo
Nova Electric. All Righ...
GRS11-5K60-120-120 NOVA-GRS11-5K60-120-120 Datasheet
303Kb / 2P
TRUE ON-LINE UPS
GRSL11-1K60-120-120 NOVA-GRSL11-1K60-120-120 Datasheet
292Kb / 2P
TRUE ON-LINE UPS
GRSL11-3K60-120-120 NOVA-GRSL11-3K60-120-120 Datasheet
517Kb / 2P
TRUE ON-LINE UPS
NC11 NOVA-NC11 Datasheet
1Mb / 4P
FREE STANDING TRUE-ON-LINE UPS
NGHS11-1.5K60-115-120 NOVA-NGHS11-1.5K60-115-120 Datasheet
1Mb / 2P
TRUE ON-LINE UPS
NGRS11-1.5K60-115-115 NOVA-NGRS11-1.5K60-115-115 Datasheet
463Kb / 2P
TRUE ON-LINE UPS
NGRS11-5K60-115D-115 NOVA-NGRS11-5K60-115D-115 Datasheet
1Mb / 2P
5KVA TRUE ON-LINE UPS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com