Electronic Components Datasheet Search
  English  ▼

X  

NERM Datasheet(PDF) 4 Page - Nova Electric. All Rights Reserved.

Part # NERM
Description  True-on-Line UPS System 6-400 KVA
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NOVA [Nova Electric. All Rights Reserved.]
Direct Link  https://novaelectric.com/
Logo NOVA - Nova Electric. All Rights Reserved.

NERM Datasheet(HTML) 4 Page - Nova Electric. All Rights Reserved.

  NERM Datasheet HTML 1Page - Nova Electric. All Rights Reserved. NERM Datasheet HTML 2Page - Nova Electric. All Rights Reserved. NERM Datasheet HTML 3Page - Nova Electric. All Rights Reserved. NERM Datasheet HTML 4Page - Nova Electric. All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
NOVA ELECTRIC div. Of Technology Dynamics Inc.
*Specifications are subject to change without notice
ISO 9001
A Division of
TECHNOLOGY DYNAMICS, INC.
100 School St., Bergenfield NJ 07621
WEB ::
www.novaelectric.com
www.novaelectric.com
E-Mail :
novasales@theallpower.com
PHONE : (201) 385-0500 FAX : (201) 385-0702
Capacity
Input voltage (with neutral)
Input frequency
Input Power factor
Input current THD (Total Harmonic Distor on)
Input voltage window
Frequency window
Ba ery voltage
Charger power
Charger voltage precision
Bypass voltage
Bypass voltage window
Output voltage
Voltage precision
Voltage THD (Total Harmonic Distor on)
Power factor
Phase tolerance
Crest factor
Ba ery mode efficiency
Display
IP class
Interface (Communica on Ports)
Installa on/Connec on
Opera on temperature (Electronics)
Storage temperature
Rela ve humidity
Noise (dB)
6-module Cabinet
NERM036/06L, NERM072/12L 150kg/330Lb
10-module Cabinet NERM072/06L, NERM120/12L 180kg/390Lb
NEPM06L 6KVA
NEPM12L 12KVA
6-module Cabinet
10-module Cabinet
Module (6/12 KVA)
120/208 VAC MODELS
430*600*134 / 17.3*23.6*5.27
Top or bo om cable connec on
0-40°C (to 50°C with 15% dera ng)
20kg/44Lb
22kg/49Lb
LCD+LED, Touch screen and keyboard
IP20
RS232, RS485, Dry Contacts, SNMP Card, EPO, Generator Interface
600*900*1600 / 23.6*35.5*63
600*900*2000 / 23.6*35.5*78.8
-20%~ +15%, full load, se able
< 125%, long term opera on (2 hours maximum)
125%<load<130%, for more than 1 hour
130%<load<150%, for more than 6 minutes
120/208 VAC
Output
Bypass overload capability
>1000%, for more than 100 ms
±120 VDC (Nominal)
20%*Power
1%
120/208 VAC
Bypass
Overload capability
Weight (kg/Lb)
Note: Cabinets do not need to be fully populated
Dimension (W*D*H)(mm/inch)
<55dB
-25°C to +70°C (Ba ery may be different)
0-95% (non-condensing)
System
System efficiency
ECO mode: 99%
Up to 105%, con nuous opera on
Up to 110%, transfer to bypass a er 1hour
Up to 125%, transfer to bypass a er 10 minutes
Up to 150%, transfer to bypass a er 1 minute
>150%, transfer to bypass a er 200 ms
Normal mode: 90%
90%
±1% (balance load), ±2% (unbalance load)
THD<2% (linear load), THD<5% (nonlinear load)
0.8
120°±0.5°(balance and unbalance load)
3:1
Specifica on
6-120 KVA (to 240 KVA with 2 racks)
Main Input
Ba ery
120/208 VAC
50/60 Hz
>0.99
<3%
-20% to +20% at full load, -40% to +20% at 70% load or less
40-70 HZ Programmable



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com