Electronic Components Datasheet Search
  English  ▼

X  

NERM Datasheet(PDF) 2 Page - Nova Electric. All Rights Reserved.

Part # NERM
Description  True-on-Line UPS System 6-400 KVA
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NOVA [Nova Electric. All Rights Reserved.]
Direct Link  https://novaelectric.com/
Logo NOVA - Nova Electric. All Rights Reserved.

NERM Datasheet(HTML) 2 Page - Nova Electric. All Rights Reserved.

  NERM Datasheet HTML 1Page - Nova Electric. All Rights Reserved. NERM Datasheet HTML 2Page - Nova Electric. All Rights Reserved. NERM Datasheet HTML 3Page - Nova Electric. All Rights Reserved. NERM Datasheet HTML 4Page - Nova Electric. All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Standard Features
Partial Option Selection
• High input power factor (>0.99) with low input THD-i (<3%).
• Low adaptability for linear and nonlinear load.
• Low audible noise system design (<55db).
• Double DSP controller for each individual power module.
•
• Digital control for all major UPS subassemblies including rectifier,
inverter, battery charger, and battery discharge.
• IGBT modules rather than discrete semiconductor components
are used in the power module for high reliability.
• Conformal coated boards for humidity resistance.
•
• Built in PDU circuit breakers for cabinet AC input, AC output and
maintenance bypass.
•
• Digital paralleling technology with very low circulating current
between power modules.
•
• Front access cabinet with both top and bottom cable connections.
•
• Each individual module is configured with an independent DSP
controller to avoid single point of failure risk.
• Generator-friendly interface.
••
• RS232, 485, and dry contacts all standard.
• VRLA batteries in a separate matching cabinet or in an open rack.
•
• VRLA batteries in modular drawers.
•
• Battery circuit breaker.
• SNMP communication card.
•
• Battery temperature compensation module.
•
• User replaceable air filter for dusty environments.
•
• Parallel operation kit.
•
• Input isolation transformer.
•
• Alternate remote shutdown / EPO configurations.
•
Battery cold start module (Allows the UPS to start on battery alone).
•
High Reliability Design
The low-loss integrated three-level IGBTs used in
each NERM-Series power module result in higher
efficiency and enhaced reliability due to lower
heatsink temperatures.
Module Features
Hot swap building block 12 KVA and 6 KVA modules @ 120/208 VAC
and 20 KVA and 10 KVA modules @ 220/380 VAC
• Independent control.
• Designed for parallel operation with active current sharing.
• Designed for (N+1) redundancy.
•
• Capable of hot swap.
•
• Automatic mechanical disconnection in case of failure or
maintenance.
NOVA ELECTRIC div. Of Technology Dynamics Inc.
*Specifications are subject to change without notice
ISO 9001
A Division of
TECHNOLOGY DYNAMICS, INC.
100 School St., Bergenfield NJ 07621
WEB ::
www.novaelectric.com
www.novaelectric.com
E-Mail :
novasales@theallpower.com
PHONE : (201) 385-0500 FAX : (201) 385-0702
NERM-Series Integrated
IGBTs boast Ultra-High
Reliability
Discrete IGBT devices in
competing UPSs are less
reliable and not as efficient
10 Module Cabinet Shown



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com