Electronic Components Datasheet Search
  English  ▼

X  

MP9928GF Datasheet(PDF) 20 Page - Monolithic Power Systems

Part # MP9928GF
Description  4V-60V Input, Current Mode, Synchronous Step-Down Controller
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP9928GF Datasheet(HTML) 20 Page - Monolithic Power Systems

Back Button MP9928GF Datasheet HTML 16Page - Monolithic Power Systems MP9928GF Datasheet HTML 17Page - Monolithic Power Systems MP9928GF Datasheet HTML 18Page - Monolithic Power Systems MP9928GF Datasheet HTML 19Page - Monolithic Power Systems MP9928GF Datasheet HTML 20Page - Monolithic Power Systems MP9928GF Datasheet HTML 21Page - Monolithic Power Systems MP9928GF Datasheet HTML 22Page - Monolithic Power Systems MP9928GF Datasheet HTML 23Page - Monolithic Power Systems MP9928GF Datasheet HTML 24Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 25 page
background image
MP9928—4V TO 60V SYNCHRONOUS STEP-DOWN CONTROLLER
MP9928 Rev. 1.0
www.MonolithicPower.com
20
5/20/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
MP9928
Internal
IL
Rsense
VOUT
CO
VIN
CIN
LDO
4.7V
VIN
CVcc
VCC1
VCC2
Figure 6: VCC Power from VOUT
Selecting the Inductor
An inductor with a DC current rating at least 25%
higher
than
the
maximum
load
current
is
recommended for most applications. A larger
value inductor results in less ripple current and a
lower output ripple voltage. However, the larger
value inductor has a larger physical size, higher
series resistance, and lower saturation current.
Generally, choose the inductor ripple current
approximately 30% of the maximum load current.
Then the inductance value can be then be
calculated by:
OUT
IN
OUT
IN
L
S
V
(V - V
)
L
V
ΔI f
×
=
××
Where VOUT is the output voltage, VIN is the input
voltage, fS is the switching frequency, and
L
ΔI is
the peak-to-peak inductor ripple current.
The maximum inductor peak current is:
L
L(MAX)
LOAD
ΔI
I
=I
+
2
Where, ILOAD is the load current.
Input Capacitor Selection
Since the input capacitor absorbs the input
switching current, it requires an adequate ripple
current
rating.
The
selection
of
the
input
capacitor is mainly based on its maximum ripple
current capability. The RMS value of the ripple
current flowing through the input capacitor can be
described as:
OUT
OUT
RMS
LOAD
IN
IN
VV
I
=I
(1-
)
VV
The worst-case condition occurs at VIN = 2VOUT,
where IRMS = ILOAD/2. So, the input capacitor
selected must be capable of handling this ripple
current.
Output Capacitor Selection
The output capacitor keeps the output voltage
ripple small and ensures regulation loop stability.
The output capacitor impedance should be low at
the switching frequency. The output voltage
ripple can be estimated by:
OUT
OUT
OUT
ESR
S
IN
S
O
VV
1
ΔV
1R
f
L
V
8f
C

=
×−
×
+

×
××
 
Where CO is the output capacitance value and
RESR is the equivalent series resistance (ESR)
value of the output capacitor.
For tantalum or electrolytic capacitor application,
the ESR dominates the impedance at the
switching frequency. So the above formula can
be approximated as:
OUT
OUT
OUT
ESR
S
IN
VV
ΔV
1R
f
L
V

=
×−
×

×

Compensation Components
The MP9928 employs current-mode control for
easy compensation and fast transient response.
The COMP pin controls system stability and
transient response. The COMP pin is the output
of the internal error amplifier. A series capacitor-
resistor
combination
sets
a
pole-zero
combination to control the control system’s
characteristics. The DC gain of the voltage
feedback loop is:
OUT
FB
O
CS
LOAD
VDC
V
V
A
G
R
A
×
×
×
=
Where AO is the error-amplifier voltage gain
3000V/V,
GCS
is
the
current-sense
transconductance,
1/(12xRSENSE)
(A/V),
and
RLOAD is the load resistor value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com